Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1217 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1217
Description  Low Power 10MHz Current Feedback Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1217 Datasheet(HTML) 7 Page - Linear Technology

  LT1217 Datasheet HTML 1Page - Linear Technology LT1217 Datasheet HTML 2Page - Linear Technology LT1217 Datasheet HTML 3Page - Linear Technology LT1217 Datasheet HTML 4Page - Linear Technology LT1217 Datasheet HTML 5Page - Linear Technology LT1217 Datasheet HTML 6Page - Linear Technology LT1217 Datasheet HTML 7Page - Linear Technology LT1217 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LT1217
S
APPLICATI
I FOR ATIO
Offset Adjust
Output offset voltage is equal to the input offset voltage
times the gain plus the inverting input bias current times
the feedback resistor. The LT1217 output offset voltage
can be nulled by pulling approximately 30
µA from pin 1 or
5. The easy way to do this is to use a 100k
Ω pot between
pin 1 and 5 with a 430k
Ω resistor from the wiper to ground
for 15V supply applications. Use a 110k resistor when
operating on a 5V supply.
Shutdown
Pin 8 activates a shutdown control function. Pulling more
than 50
µA from pin 8 drops the supply current to less than
350
µA, and puts the output into a high impedance state.
The easy way to force shutdown is to ground pin 8, using
an open collector (drain) logic stage. An internal resistor
limits current, allowing direct interfacing with no addi-
tional parts. When pin 8 is open, the LT1217 operates
normally.
Slew Rate
The slew rate of a current feedback amplifier is not
independent of the amplifier gain configuration the way it
is in a traditional op amp. This is because the input stage
and the output stage both have slew rate limitations.
Inverting amplifiers do not slew the input and are therefore
limited only by the output stage. High gain, non-inverting
amplifiers are similar. The input stage slew rate of the
LT1217 is about 50V/
µs before it becomes non-linear and
is enhanced by the normally reverse biased emitters on the
input transistors. The output slew rate depends on the size
of the feedback resistors. The output slew rate is about
850V/
µs with a 3k feedback resistor and drops propor-
tionally for larger values. The photos show the LT1217
with a 20V peak-to-peak output swing for three different
gain configurations.
Settling Time
The characteristic curves show that the LT1217 settles to
within 10mV of final value in less than 300ns for any output
step up to 10V. Settling to 1mV of final value takes less
than 500ns.
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Large Signal Response, AV = 2, RF = RG = 3k,
Slew Rate
500V/
µs
Large Signal Response, AV = –2, RF = 3k, RG = 1.5k,
Slew Rate
850V/
µs
Large Signal Response, AV = 10, RF = 3k, RG = 330Ω,
Slew Rate
150V/
µs


Similar Part No. - LT1217

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1217 LINER-LT1217 Datasheet
221Kb / 8P
   Low Power 10MHz Current Feedback Amplifier
LT1217 LINER-LT1217_15 Datasheet
221Kb / 8P
   Low Power 10MHz Current Feedback Amplifier
More results

Similar Description - LT1217

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1217 LINER-LT1217_15 Datasheet
221Kb / 8P
   Low Power 10MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5462 INTERSIL-EL5462 Datasheet
416Kb / 9P
   500MHz Low Power Current Feedback Amplifier
EL5462IS-T7 INTERSIL-EL5462IS-T7 Datasheet
419Kb / 9P
   500MHz Low Power Current Feedback Amplifier
February 14, 2005
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
EL5462 RENESAS-EL5462 Datasheet
561Kb / 9P
   500MHz Low Power Current Feedback Amplifier
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA4684 TI1-OPA4684 Datasheet
1Mb / 33P
[Old version datasheet]   Quad, Low-Power, Current-Feedback Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com