Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1212 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1212
Description  14MHz, 7V/us, Single Supply Dual and Quad Precision Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1212 Datasheet(HTML) 1 Page - Linear Technology

  LT1212 Datasheet HTML 1Page - Linear Technology LT1212 Datasheet HTML 2Page - Linear Technology LT1212 Datasheet HTML 3Page - Linear Technology LT1212 Datasheet HTML 4Page - Linear Technology LT1212 Datasheet HTML 5Page - Linear Technology LT1212 Datasheet HTML 6Page - Linear Technology LT1212 Datasheet HTML 7Page - Linear Technology LT1212 Datasheet HTML 8Page - Linear Technology LT1212 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT1211/LT1212
14MHz, 7V/
µs, Single Supply
Dual and Quad
Precision Op Amps
s
Slew Rate: 7V/
µs Typ
s
Gain-Bandwidth Product: 14MHz Typ
s
Fast Settling to 0.01%
2V Step to 200
µV: 900ns Typ
10V Step to 1mV: 2.2
µs Typ
s
Excellent DC Precision in All Packages
Input Offset Voltage: 275
µV Max
Input Offset Voltage Drift: 6
µV/°C Max
Input Offset Current: 30nA Max
Input Bias Current: 125nA Max
Open-Loop Gain: 1200V/mV Min
s
Single Supply Operation
Input Voltage Range Includes Ground
Output Swings to Ground While Sinking Current
s
Low Input Noise Voltage: 12nV/
√Hz Typ
s
Low Input Noise Current: 0.2pA/
√Hz Typ
s
Specified on 3.3V, 5V and
±15V
s
Large Output Drive Current: 20mA Min
s
Low Supply Current per Amplifier: 1.8mA Max
s
Dual in 8-Pin DIP and SO-8
s
Quad in 14-Pin DIP and Narrow SO-16
The LT
®1211 is a dual, single supply precision op amp with
a 14MHz gain-bandwidth product and a 7V/
µs slew rate.
The LT1212 is a quad version of the same amplifier. The
DC precision of the LT1211/LT1212 eliminates trims in
most systems while providing high frequency perfor-
mance not usually found in single supply amplifiers.
The LT1211/LT1212 will operate on any supply greater
than 2.5V and less than 36V total. These amplifiers are
specified on single 3.3V, single 5V and
±15V supplies, and
only require 1.3mA of quiescent supply current per ampli-
fier. The inputs can be driven beyond the supplies without
damage or phase reversal of the output. The minimum
output drive is 20mA, ideal for driving low impedance
loads.
APPLICATI
TYPICAL
Note: For applications requiring higher slew rate, see the LT1213/LT1214 and
LT1215/LT1216 data sheets.
Input Bias Current Cancellation
+
VIN
V+
1/2
LT1211
RF
VOUT
1211/12 TA01
1M
SIGNAL AMP
+
1/2
LT1211
RG
CANCELLATION
AMP
1M
22pF
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
2.5V Full-Scale 12-Bit Systems: VOS ≤ 0.45LSB
s
10V Full-Scale 16-Bit Systems: VOS ≤ 1.8LSB
s
Active Filters
s
Photo Diode Amplifiers
s
DAC Current-to-Voltage Amplifiers
s
Battery-Powered Systems
S
APPLICATI
S
FEATURE
DESCRIPTIO
INPUT VOLTAGE (V)
0.01
0.1
1
10
1211/12 TA02
100
90
80
70
60
50
40
30
20
10
0
VS = 5V, VOUT IN
LINEAR REGION
RIN = 300M
RIN = 2.4G
WITHOUT CANCELLATION
WITH CANCELLATION
Input Current vs Input Voltage


Similar Part No. - LT1212

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT1212-15E ETC1-LT1212-15E Datasheet
192Kb / 2P
   2:1 or 4:1 Wide input, Triple Outputs
logo
Linear Technology
LT1212 LINER-LT1212_15 Datasheet
390Kb / 20P
   14MHz, 7V/s, Single Supply Dual and Quad Precision Op Amps
More results

Similar Description - LT1212

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1211 LINER-LT1211_15 Datasheet
390Kb / 20P
   14MHz, 7V/s, Single Supply Dual and Quad Precision Op Amps
LT1212 LINER-LT1212_15 Datasheet
390Kb / 20P
   14MHz, 7V/s, Single Supply Dual and Quad Precision Op Amps
LT1213 LINER-LT1213 Datasheet
394Kb / 16P
   28MHz, 12V/us, Single Supply Dual and Quad Precision Op Amps
LT1215 LINER-LT1215 Datasheet
363Kb / 20P
   23MHz, 50V/us, Single Supply Dual and Quad Precision Op Amps
LT1492 LINER-LT1492 Datasheet
361Kb / 16P
   5MHz, 3V/us, Low Power Single Supply, Dual and Quad Precision Op Amps
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Technology
LT1079 LINER-LT1079_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2078 LINER-LT2078 Datasheet
429Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1078 LINER-LT1078_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com