Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3418 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3418
Description  8A, 4MHz, Monolithic Synchronous Step-Down Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3418 Datasheet(HTML) 4 Page - Linear Technology

  LTC3418_15 Datasheet HTML 1Page - Linear Technology LTC3418_15 Datasheet HTML 2Page - Linear Technology LTC3418_15 Datasheet HTML 3Page - Linear Technology LTC3418_15 Datasheet HTML 4Page - Linear Technology LTC3418_15 Datasheet HTML 5Page - Linear Technology LTC3418_15 Datasheet HTML 6Page - Linear Technology LTC3418_15 Datasheet HTML 7Page - Linear Technology LTC3418_15 Datasheet HTML 8Page - Linear Technology LTC3418_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC3418
4
3418fb
TYPICAL PERFORMANCE CHARACTERISTICS
Quiescent Current
vs Input Voltage
INPUT VOLTAGE (V)
2.5
0
100
200
300
3
3.5
4
4.5
3418 G05
5
400
500
50
150
250
350
450
5.5
INPUT VOLTAGE (V)
2.25
0
0.5
1.5
2.0
2.5
4.25
5.0
4.5
3418 G04
1.0
3.25
2.75
4.75
3.75
5.25
3.0
PFET
NFET
3.5
4.0
Switch Leakage vs Input Voltage
Frequency vs Input Voltage
INPUT VOLTAGE (V)
2.25
900
920
960
980
1000
4.25
1100
1080
3418 G08
940
3.25
2.75
4.75
3.75
5.25
1020
1040
1060
TEMPERATURE (°C)
–40
900
920
960
980
1000
1100
1040
0
40
60
3418 G07
940
1060
1080
1020
–20
20
80
100 120
VIN = 3.3V
Frequency vs Temperature
Frequency vs ROSC
ROSC (kΩ)
10
0
500
1500
2000
2500
170
4500
3418 G06
1000
90
50
210
130
250
3000
3500
4000
VIN = 3.3V
Efficiency and Power Loss
vs Load Current
Efficiency vs Load Current
LOAD CURRENT (A)
0.01
40
50
60
70
80
0.1
1
10
3418 G10
30
20
10
0
90
100
Burst Mode OPERATION
FORCED CONTINUOUS
VIN = 3.3V
VOUT = 2.5V
Efficiency vs Load Current
LOAD CURRENT (A)
0.01
40
50
60
70
80
0.1
1
10
3418 G11
30
20
10
0
90
100
3.3V
5V
FORCED CONTINUOUS
VOUT = 2.5V
Efficiency vs Load Current
LOAD CURRENT (A)
0.01
40
50
60
70
80
0.1
1
10
3418 G12
30
20
10
0
90
100
3.3V
5V
Burst Mode OPERATION
VOUT = 2.5V
LOAD CURRENT (A)
0.01
60
80
100
0.1
1
10
3418 G09
40
50
70
90
30
20
1000
100000
100
10000
10
1
EFFICIENCY
POWER LOSS
VIN = 3.3V
VOUT = 2.5V
TA = 25°C unless otherwise noted.


Similar Part No. - LTC3418_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3418EUHF LINER-LTC3418EUHF Datasheet
291Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
More results

Similar Description - LTC3418_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3418 LINER-LTC3418 Datasheet
291Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A_15 Datasheet
326Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412_15 Datasheet
224Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A Datasheet
443Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3416 LINER-LTC3416_15 Datasheet
219Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator with Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com