Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3407 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3407
Description  Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3407 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3407_15 Datasheet HTML 5Page - Linear Technology LTC3407_15 Datasheet HTML 6Page - Linear Technology LTC3407_15 Datasheet HTML 7Page - Linear Technology LTC3407_15 Datasheet HTML 8Page - Linear Technology LTC3407_15 Datasheet HTML 9Page - Linear Technology LTC3407_15 Datasheet HTML 10Page - Linear Technology LTC3407_15 Datasheet HTML 11Page - Linear Technology LTC3407_15 Datasheet HTML 12Page - Linear Technology LTC3407_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3407
9
3407fa
APPLICATIONS INFORMATION
capacitors, such as Sanyo POSCAP, offer very low ESR,
but have a lower capacitance density than other types.
Tantalum capacitors have the highest capacitance density,
but it has a larger ESR and it is critical that the capacitors
are surge tested for use in switching power supplies.
An excellent choice is the AVX TPS series of surface
mount tantalums, available in case heights ranging from
2mm to 4mm. Aluminum electrolytic capacitors have a
significantly larger ESR, and are often used in extremely
cost-sensitive applications provided that consideration
is given to ripple current ratings and long term reliability.
Ceramic capacitors have the lowest ESR and cost, but also
have the lowest capacitance density, a high voltage and
temperature coefficient, and exhibit audible piezoelectric
effects. In addition, the high Q of ceramic capacitors along
with trace inductance can lead to significant ringing. Other
capacitor types include the Panasonic special polymer
(SP) capacitors.
In most cases, 0.1μF to 1μF of ceramic capacitors should
also be placed close to the LTC3407 in parallel with the
main capacitors for high frequency decoupling.
Ceramic Input and Output Capacitors
Higher value, lower cost ceramic capacitors are now be-
coming available in smaller case sizes. These are tempting
for switching regulator use because of their very low ESR.
Unfortunately, the ESR is so low that it can cause loop
stability problems. Solid tantalum capacitor ESR gener-
ates a loop “zero” at 5kHz to 50kHz that is instrumental in
giving acceptable loop phase margin. Ceramic capacitors
remain capacitive to beyond 300kHz and usually resonate
with their ESL before ESR becomes effective. Also, ceramic
Figure 2. LTC3407 General Schematic
RUN2
VIN
VIN = 2.5V
TO 5.5V
VOUT2
VOUT1
RUN1
POR
SW1
VFB1
GND
VFB2
SW2
MODE/SYNC
LTC3407
CIN
R5
POWER-ON
RESET
C4
C5
L1
L2
R4
R2
R1
R3
COUT2
COUT1
3407 F02
PULSESKIP*
BURST*
*MODE/SYNC = 0V: PULSE-SKIPPING
MODE/SYNC = VIN: Burst Mode OPERATION
caps are prone to temperature effects which requires the
designer to check loop stability over the operating tem-
perature range. To minimize their large temperature and
voltage coefficients, only X5R or X7R ceramic capacitors
should be used. A good selection of ceramic capacitors
is available from Taiyo Yuden, TDK, and Murata.
Great care must be taken when using only ceramic input
and output capacitors. When a ceramic capacitor is used
at the input and the power is being supplied through long
wires, such as from a wall adapter, a load step at the output
can induce ringing at the VIN pin. At best, this ringing can
couple to the output and be mistaken as loop instability.
At worst, the ringing at the input can be large enough to
damage the part.
Since the ESR of a ceramic capacitor is so low, the input
and output capacitor must instead fulfill a charge storage
requirement. During a load step, the output capacitor must
instantaneously supply the current to support the load
until the feedback loop raises the switch current enough
to support the load. The time required for the feedback
loop to respond is dependent on the compensation and
the output capacitor size. Typically, 3-4 cycles are required
to respond to a load step, but only in the first cycle does
the output drop linearly. The output droop, VDROOP, is
usually about 3 times the linear drop of the first cycle.
Thus, a good place to start is with the output capacitor
size of approximately:
C
OUT ≈ 3
ΔIOUT
f
O •VDROOP
More capacitance may be required depending on the duty
cycle and load step requirements.
In most applications, the input capacitor is merely required
to supply high frequency bypassing, since the impedance
to the supply is very low. A 10μF ceramic capacitor is
usually enough for these conditions.
Setting the Output Voltage
The LTC3407 develops a 0.6V reference voltage between
the feedback pin, VFB, and the ground as shown in Figure 2.
The output voltage is set by a resistive divider according
to the following formula:


Similar Part No. - LTC3407_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LTC3407-2 LINER-LTC3407-2 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3407-2 LINER-LTC3407-2 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3407_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A Datasheet
282Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Linear Integrated Syste...
LTC3407AIDD LINEAR-LTC3407AIDD Datasheet
205Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
ams AG
AS1324 AMSCO-AS1324 Datasheet
910Kb / 20P
   1.5MHz, 600mA, DC/DC Step-Down Regulator
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
Champion Microelectroni...
CM3706 CHAMP-CM3706 Datasheet
391Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6160B FEELING-FP6160B Datasheet
422Kb / 14P
   1.5MHz, 600mA Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com