Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3260 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3260
Description  Low Noise Dual Supply Inverting Charge Pump
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3260 Datasheet(HTML) 5 Page - Linear Technology

  LTC3260_15 Datasheet HTML 1Page - Linear Technology LTC3260_15 Datasheet HTML 2Page - Linear Technology LTC3260_15 Datasheet HTML 3Page - Linear Technology LTC3260_15 Datasheet HTML 4Page - Linear Technology LTC3260_15 Datasheet HTML 5Page - Linear Technology LTC3260_15 Datasheet HTML 6Page - Linear Technology LTC3260_15 Datasheet HTML 7Page - Linear Technology LTC3260_15 Datasheet HTML 8Page - Linear Technology LTC3260_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LTC3260
5
3260fa
Typical perForMance characTerisTics
LDO+ GND Pin Current vs ILOAD
LDO+ Load Regulation
ADJ+ Pin Voltage vs Temperature
Effective Open-Loop Resistance
vs Supply Voltage
LDO+ Dropout Voltage
vs Temperature
LDO+ Supply Rejection
Effective Open-Loop Resistance
vs Temperature
VOUT Short-Circuit Current
vs Supply Voltage
Voltage Loss (VIN – |VOUT|)
vs Output Current (Constant
Frequency Mode)
(TA = 25°C, CFLY = 1µF, CIN = COUT = CLDO+ = CLDO– = 10µF unless otherwise noted)
SUPPLY VOLTAGE (V)
0
5
0
100
250
10
20
25
3260 G08
50
200
150
15
30
35
RT = GND
RT = 200k
OUTPUT CURRENT (mA)
0.1
0
2.0
2.5
3.0
fOSC = 50kHz
fOSC = 200kHz
fOSC = 500kHz
1
10
100
3260 G09
1.5
1.0
0.5
VIN = 12V
TEMPERATURE (°C)
–50
1.200
1.212
150
3260 G11
1.188
1.176
0
50
100
–25
25
75
125
1.224
ILOAD (mA)
0
0.08
0.10
0.12
0.14
1
10
100
3260 G14
0.06
0.04
0.02
0
VIN = 12V
SUPPLY VOLTAGE (V)
0
0
10
30
40
50
20
90
3260 G10
20
10
5
25
15
35
30
60
70
80
fOSC = 200kHz
fOSC = 500kHz
TEMPERATURE (°C)
–50
0
10
20
30
40
0
50
100
150
3620 G07
50
60
–25
25
75
125
VIN = 32V
VIN = 25V
VIN = 12V
fOSC = 500kHz
TEMPERATURE (°C)
–50
400
600
150
3260 G12
200
0
0
50
100
–25
25
75
125
800
VIN = 12V
ILDO+ = 50mA
300
500
100
700
FREQUENCY (kHz)
20
40
60
10
30
50
0.1
10
100
1000
3260 G13
0
1
VIN = 6.5V
VLDO+ = 5V
ILDO+ = 50mA
VRIPPLE = 50mVRMS
CLDO+ = 10µF
ILDO+ (mA)
0.1
1.1994
1.2002
1.2004
1.2006
1
10
100
3260 G15
1.2000
1.1998
1.1996
VIN = 12V
UNITY GAIN


Similar Part No. - LTC3260_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3260EMSE LINER-LTC3260EMSE Datasheet
157Kb / 6P
   High Voltage, Low Noise, Dual Supply Inverting Charge Pump
More results

Similar Description - LTC3260_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3260EMSE LINER-LTC3260EMSE Datasheet
157Kb / 6P
   High Voltage, Low Noise, Dual Supply Inverting Charge Pump
LTC3261EMSE LINER-LTC3261EMSE Datasheet
205Kb / 6P
   High Voltage, Low Noise Inverting Charge Pump
logo
Maxim Integrated Produc...
MAX889R MAXIM-MAX889R Datasheet
306Kb / 8P
   Inverting Charge Pump
Rev 0; 7/00
logo
Linear Technology
LTC3265 LINER-LTC3265 Datasheet
747Kb / 20P
   Low Noise Dual Supply with Boost and Inverting Charge Pumps
LTC3265EDHC LINER-LTC3265EDHC Datasheet
703Kb / 8P
   Low Noise Dual Supply with Boost and Inverting Charge Pumps
logo
New Japan Radio
NJW4191 NJRC-NJW4191_13 Datasheet
72Kb / 7P
   Inverting Charge Pump IC
logo
Microchip Technology
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
   Inverting Charge Pump Voltage Doublers
2002
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
   Inverting Charge Pump Voltage Doublers
2005
logo
Sipex Corporation
SP682 SIPEX-SP682 Datasheet
67Kb / 8P
   Micro Power Inverting Charge Pump
logo
Microchip Technology
TC1225 MICROCHIP-TC1225 Datasheet
1Mb / 9P
   Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com