Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3260 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3260
Description  Low Noise Dual Supply Inverting Charge Pump
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3260 Datasheet(HTML) 1 Page - Linear Technology

  LTC3260_15 Datasheet HTML 1Page - Linear Technology LTC3260_15 Datasheet HTML 2Page - Linear Technology LTC3260_15 Datasheet HTML 3Page - Linear Technology LTC3260_15 Datasheet HTML 4Page - Linear Technology LTC3260_15 Datasheet HTML 5Page - Linear Technology LTC3260_15 Datasheet HTML 6Page - Linear Technology LTC3260_15 Datasheet HTML 7Page - Linear Technology LTC3260_15 Datasheet HTML 8Page - Linear Technology LTC3260_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LTC3260
1
3260fa
Typical applicaTion
FeaTures
DescripTion
Low Noise Dual Supply
Inverting Charge Pump
The LTC®3260 is a low noise dual polarity output power
supply that includes an inverting charge pump with both
positive and negative LDO regulators. The charge pump
operatesoverawide4.5Vto32Vinputrangeandcandeliver
up to 100mA of output current. Each LDO regulator can
provide up to 50mA of output current. The negative LDO
post regulator is powered from the charge pump output.
The LDO output voltages can be adjusted using external
resistor dividers.
The charge pump employs either low quiescent current
Burst Mode operation or low noise constant frequency
mode. In Burst Mode operation the charge pump VOUT
regulates to –0.94 • VIN, and the LTC3260 draws only
100µA of quiescent current with both LDO regulators on.
In constant frequency mode the charge pump produces
an output equal to –VIN and operates at a fixed 500kHz
or to a programmed value between 50kHz to 500kHz us-
ing an external resistor. The LTC3260 is available in low
profile (0.75mm) 3mm x 4mm 14-pin DFN and thermally
enhanced 16-pin MSOP packages.
±12V Outputs from a Single 15V Input
LDO Rejection of VOUT Ripple
applicaTions
n
VIN Range: 4.5V to 32V
n
Inverting Charge Pump Generates –VIN
n
Charge Pump Output Current Up to 100mA
n
Low Noise Negative LDO Post Regulator
(ILDO– = 50mA Max)
n
Low Noise Independent Positive LDO Regulator
(ILDO+ = 50mA Max)
n
100µA Quiescent Current in Burst Mode® Operation
with Both LDO Regulators On
n
50kHz to 500kHz Programmable Oscillator Frequency
n
Stable with Ceramic Capacitors
n
Short-Circuit/Thermal Protection
n
Low Profile 3mm
× 4mm 14-Pin DFN and Thermally
Enhanced 16-Pin MSOP Packages
n
Low Noise Bipolar/Inverting Supplies
n
Industrial/Instrumentation Low Noise Bias
Generators
n
Portable Medical Equipment
n
Portable Instruments
L
, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks
and ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
10µF
10µF
1µF
10nF
10nF
10µF
10µF
909k
909k
200k
100k
100k
12V
–12V
3260 TA01a
LDO+
15V
LDO
ADJ+
LTC3260
RT
ADJ
GND
BYP+
BYP
VIN
VOUT
–15V
EN+
C
MODE
EN
C+
VLDO+
10mV/DIV
AC-COUPLED
VLDO–
10mV/DIV
AC-COUPLED
VOUT
10mV/DIV
AC-COUPLED
1µs/DIV
3260 TA01b
VIN = 15V
VLDO+ = 12V
VLDO– = –12V
fOSC = 500kHz
ILDO+ = 50mA
ILDO– –50mA


Similar Part No. - LTC3260_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3260EMSE LINER-LTC3260EMSE Datasheet
157Kb / 6P
   High Voltage, Low Noise, Dual Supply Inverting Charge Pump
More results

Similar Description - LTC3260_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3260EMSE LINER-LTC3260EMSE Datasheet
157Kb / 6P
   High Voltage, Low Noise, Dual Supply Inverting Charge Pump
LTC3261EMSE LINER-LTC3261EMSE Datasheet
205Kb / 6P
   High Voltage, Low Noise Inverting Charge Pump
logo
Maxim Integrated Produc...
MAX889R MAXIM-MAX889R Datasheet
306Kb / 8P
   Inverting Charge Pump
Rev 0; 7/00
logo
Linear Technology
LTC3265 LINER-LTC3265 Datasheet
747Kb / 20P
   Low Noise Dual Supply with Boost and Inverting Charge Pumps
LTC3265EDHC LINER-LTC3265EDHC Datasheet
703Kb / 8P
   Low Noise Dual Supply with Boost and Inverting Charge Pumps
logo
New Japan Radio
NJW4191 NJRC-NJW4191_13 Datasheet
72Kb / 7P
   Inverting Charge Pump IC
logo
Microchip Technology
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
   Inverting Charge Pump Voltage Doublers
2002
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
   Inverting Charge Pump Voltage Doublers
2005
logo
Sipex Corporation
SP682 SIPEX-SP682 Datasheet
67Kb / 8P
   Micro Power Inverting Charge Pump
logo
Microchip Technology
TC1225 MICROCHIP-TC1225 Datasheet
1Mb / 9P
   Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com