Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2645 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2645
Description  Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/C Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2645 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2645_15 Datasheet HTML 7Page - Linear Technology LTC2645_15 Datasheet HTML 8Page - Linear Technology LTC2645_15 Datasheet HTML 9Page - Linear Technology LTC2645_15 Datasheet HTML 10Page - Linear Technology LTC2645_15 Datasheet HTML 11Page - Linear Technology LTC2645_15 Datasheet HTML 12Page - Linear Technology LTC2645_15 Datasheet HTML 13Page - Linear Technology LTC2645_15 Datasheet HTML 14Page - Linear Technology LTC2645_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC2645
11
2645f
For more information www.linear.com/LTC2645
pin FuncTions
VCC (Pin 1): Supply Voltage Input. 2.7V ≤ VCC ≤ 5.5V.
Bypass to GND with a 0.1µF capacitor.
INA, INB, INC, IND (Pins 6, 5, 11, 10): PWM Inputs. Apply
a pulse-width modulated input frequency between 30Hz
and 6.25kHz (12-bit), 25kHz (10-bit) or 100kHz (8-bit).
After each INX rising edge, the part calculates the duty
cycle based upon the pulse width and period and updates
DAC channel VOUTX. Logic levels are referenced to IOVCC.
IOVCC (Pin 7): I/O Supply Voltage Input. 1.71V ≤ IOVCC
5.5V. Bypass to GND with a 0.1µF capacitor.
IDLSEL (Pin 4): Idle Mode Select Input. Connect IDLSEL
to GND or VCC to select the behavior of the DAC output
when there has been no rising edge on the PWM input for
more than the idle mode timeout delay t3 (nominal delay
is 60ms). Available idle mode states are power-down with
high impedance output, hold previous state, zero-scale or
full-scale. This pin also selects the initial state of the DAC
outputs following a power-on reset.
PD (Pin 9): Active-Low Power-Down Input. Connect PD to
GND to place the part in power-down with a typical supply
currentof<1µA.ConnectPDtoIOVCCfornormaloperation.
REFSEL(Pin13):ReferenceSelectInput.ConnectREFSEL
toGNDtoselectinternalreferencemode.ConnectREFSEL
to VCC to select external reference mode.
REF (Pin 12): Reference Voltage Input or Output. When
REFSEL is connected to VCC, REF is an input (1V ≤ VREF
≤ VCC) where the voltage supplied sets the full-scale
DAC output voltage. When REFSEL is connected to GND,
the 10ppm/°C, 1.25V internal reference (half full-scale)
is available at the pin. This output may be bypassed to
GND with up to 10µF and must be buffered when driving
external DC load current.
VOUTA, VOUTB, VOUTC, VOUTD (Pins 2, 3, 14, 15): DAC
Analog Voltage Outputs. The DAC output voltage can be
calculated by the following equation:
VOUTX = VREF • tPWHX/tPERX
where VREF is 2.5V in internal reference mode or the REF
pin voltage in external reference mode, tPWHX is the pulse
width of the preceding INX period and tPERX is the time
between the two most recent INX rising edges.
GND (Pins 8, 16): Ground.


Similar Part No. - LTC2645_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2645 LINER-LTC2645 Datasheet
747Kb / 20P
   Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
LTC2645 LINER-LTC2645 Datasheet
758Kb / 20P
   Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
logo
Analog Devices
LTC2645 AD-LTC2645 Datasheet
357Kb / 20P
   Quad PWM DAC Reference
More results

Similar Description - LTC2645_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2645 LINER-LTC2645 Datasheet
758Kb / 20P
   Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
LTC2644 LINER-LTC2644_15 Datasheet
412Kb / 20P
   Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/C Reference
LTC2635 LINER-LTC2635_15 Datasheet
531Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2644 LINER-LTC2644 Datasheet
747Kb / 20P
   Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
LTC2632 LINER-LTC2632_15 Datasheet
1Mb / 24P
   Dual 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2637 LINER-LTC2637_15 Datasheet
436Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2636 LINER-LTC2636_15 Datasheet
412Kb / 24P
   Octal 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2640 LINER-LTC2640_15 Datasheet
400Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2635 LINER-LTC2635_1 Datasheet
526Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2631 LINER-LTC2631_15 Datasheet
404Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com