Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC2621 Datasheet(PDF) 2 Page - Linear Technology

Part No. LTC2621
Description  16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC2621 Datasheet(HTML) 2 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC2601/LTC2611/LTC2621
2
2601fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Any Pin to GND ............................................ –0.3V to 6V
Any Pin to VCC.............................................. –6V to 0.3V
Maximum Junction Temperature........................... 125°C
Storage Temperature Range................... –65°C to 125°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
Operating Temperature Range:
LTC2601C/LTC2611C/LTC2621C
LTC2601C-1/LTC2611C-1/LTC2621C-1 .... 0°C to 70°C
LTC2601I/LTC2611I/LTC2621I
LTC2601I-1/LTC2611I-1/LTC2621I-1.... –40°C to 85°C
(Note 1)
TOP VIEW
11
DD PACKAGE
10-LEAD (3mm
3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
LDAC
VCC
GND
VOUT
REF
SDO
SDI
SCK
CLR
CS/LD
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2601CDD#PBF
LTC2601CDD#TRPBF
LAGT
10-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LTC2601IDD#PBF
LTC2601IDD#TRPBF
LAGT
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC2611CDD#PBF
LTC2611CDD#TRPBF
LBFQ
10-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LTC2611IDD#PBF
LTC2611IDD#TRPBF
LBFQ
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC2621CDD#PBF
LTC2621CDD#TRPBF
LBFS
10-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LTC2621IDD#PBF
LTC2621IDD#TRPBF
LBFS
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC2601CDD-1#PBF
LTC2601CDD-1#TRPBF
LBZH
10-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LTC2601IDD-1#PBF
LTC2601IDD-1#TRPBF
LBZH
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC2611CDD-1#PBF
LTC2611CDD-1#TRPBF
LBZJ
10-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LTC2611IDD-1#PBF
LTC2611IDD-1#TRPBF
LBZJ
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC2621CDD-1#PBF
LTC2621CDD-1#TRPBF
LBZK
10-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LTC2621IDD-1#PBF
LTC2621IDD-1#TRPBF
LBZK
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2601CDD
LTC2601CDD#TR
LAGT
10-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LTC2601IDD
LTC2601IDD#TR
LAGT
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC2611CDD
LTC2611CDD#TR
LBFQ
10-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LTC2611IDD
LTC2611IDD#TR
LBFQ
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC2621CDD
LTC2621CDD#TR
LBFS
10-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LTC2621IDD
LTC2621IDD#TR
LBFS
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC2601CDD-1
LTC2601CDD-1#TR
LBZH
10-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LTC2601IDD-1
LTC2601IDD-1#TR
LBZH
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC2611CDD-1
LTC2611CDD-1#TR
LBZJ
10-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LTC2611IDD-1
LTC2611IDD-1#TR
LBZJ
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC2621CDD-1
LTC2621CDD-1#TR
LBZK
10-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LTC2621IDD-1
LTC2621IDD-1#TR
LBZK
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn