Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC2621 Datasheet(PDF) 16 Page - Linear Technology

Part No. LTC2621
Description  16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC2621 Datasheet(HTML) 16 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC2601/LTC2611/LTC2621
16
2601fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2004
LT 0409 REV B • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
Demo Circuit DC777 Schematic. Onboard 20-Bit ADC Measures Key Performance Parameters
LDAC
CLR
SDI
SCK
CS/LD
SDO
SCK
SDO
CS
FO
9
8
7
10
10
4
2
3
5
1
7
56
2
96
1
2601 TA02
3
100Ω
7.5k
0.1μF
8
VOUT
VCC
SPI
BUS
LTC2601
GND
5V
VREF
1V TO 5V
DAC
OUTPUT
VREF
VCC
GND
VIN
LTC2421
FSSET
ZSSET
0.1μF
5V
100pF
PART NUMBER
DESCRIPTION
COMMENTS
LTC1458/LTC1458L Quad 12-Bit Rail-to-Rail Output DACs with Added Functionality
LTC1458: VCC = 4.5V to 5.5V, VOUT = 0V to 4.096V
LTC1458L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1654
Dual 14-Bit Rail-to-Rail VOUT DAC
Programmable Speed/Power, 3.5μs/750μA, 8μs/450μA
LTC1655/LTC1655L Single 16-Bit VOUT DACs with Serial Interface in SO-8
VCC = 5V(3V), Low Power, Deglitched
LTC1657/LTC1657L Parrallel 5V/3V 16-Bit VOUT DACs
Low Power, Deglitched, Rail-to-Rail VOUT
LTC1660/LTC1665
Octal 10/8-Bit VOUT DACs in 16-Pin Narrow SSOP
VCC = 2.7V to 5.5V, Micropower, Rail-to-Rail Output
LTC1661
Dual 10-Bit VOUT DAC 8-Lead MSOP
Micropower Rail-to-Rail Output, 3-Wire Interface
LTC1662
Dual 10-Bit VOUT DAC 8-Lead MSOP
Ultralow Power, Rail-to-Rail Output
LTC1663
Single 10-Bit VOUT DAC in SOT-23
SMBus Interface, Pin-for-Pin Compatible with LTC1669
LTC1664
Quad 10-Bit VOUT DAC 16-Lead SSOP
Micropower Rail-to-Rail Output, 3-Wire Interface
LTC1669
Single 10-Bit VOUT DAC 5-Lead SOT-23
Pin-for-Pin Compatible with LTC1663
LTC1821
Parallel 16-Bit Voltage Output DAC
Precision 16-Bit Settling in 2μs for 10V Step
LTC2600/LTC2610/
LTC2620
Octal 16-Bit/14-Bit/12-Bit VOUT DACs in 16-Lead SSOP
250μA per DAC, 2.5V to 5.5V Supply Range, Rail-to-Rail
Output
LTC2602/LTC2612/
LTC2622
Dual 16-Bit/14-Bit/12-Bit VOUT DACs in 8-Lead MSOP
300μA per DAC, 2.5V to 5.5V Supply Range, Rail-to-Rail
Output
LTC2604/LTC2614/
LTC2624
Quad 16-Bit/14-Bit/12-Bit VOUT DACs in 16-Lead SSOP
250μA per DAC, 2.5V to 5.5V Supply Range, Rail-to-Rail
Output, SPI Serial Interface
LTC2605/LTC2615/
LTC2625
Octal 16-Bit/14-Bit/12-Bit VOUT DACs with I2C Interface
250μA per DAC, 2.7V to 5.5V Supply Range, Rail-to-Rail
Output, I2C Interface
LTC2606/LTC2616/
LTC2626
16-Bit/14-Bit/12-Bit VOUT DACs with I2C Interface
270μA per DAC, 2.7V to 5.5V Supply Range, Rail-to-Rail
Output, I2C Interface
LTC2607/LTC2617/
LTC2627
Dual 16-Bit/14-Bit/12-Bit VOUT DACs in 12-Lead DFN with I2C Interface 260μA per DAC, 2.7V to 5.5V Supply Range, Rail-to-Rail
Output, I2C Interface
LTC2609/LTC2619/
LTC2629
Quad 16-Bit/14-Bit/12-Bit VOUT DACs with I2C Interface
250μA Range per DAC, 2.7V to 5.5V Supply Range,
Rail-to-Rail Output with Separate VREF Pins for Each DAC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn