Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1175IT-5 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1175IT-5
Description  500mA Negative Low Dropout Micropower Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1175IT-5 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1175IT-5 Datasheet HTML 4Page - Linear Technology LT1175IT-5 Datasheet HTML 5Page - Linear Technology LT1175IT-5 Datasheet HTML 6Page - Linear Technology LT1175IT-5 Datasheet HTML 7Page - Linear Technology LT1175IT-5 Datasheet HTML 8Page - Linear Technology LT1175IT-5 Datasheet HTML 9Page - Linear Technology LT1175IT-5 Datasheet HTML 10Page - Linear Technology LT1175IT-5 Datasheet HTML 11Page - Linear Technology LT1175IT-5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1175
APPLICATIONS INFORMATION
To estimate regulator output ripple under different condi-
tions, the following general comments should be helpful:
1. Output ripple at high frequency is only weakly affected
by load current or output capacitor size for medium to
heavy loads. At very light loads (<10mA), higher fre-
quency ripple may be reduced by using larger output
capacitors.
2. A feedforward capacitor across the resistor divider
used with the adjustable part is effective in reducing
ripple only for output voltages greater than 5V and only
for frequencies less than 100kHz.
3. Input-to-output voltage differential has little effect on
ripple rejection until the regulator actually enters a
dropout condition of 0.2V to 0.6V.
If ripple rejection needs to be improved, an input filter can
be added. This filter can be a simple RC filter using a 1
to 10
Ω resistor. A 3.3Ω resistor for instance, combined
with a 0.3
Ω ESR solid tantalum capacitor, will give an
additional 20dB ripple rejection. The size of the resistor
will be dictated by maximum load current. If the maximum
voltage drop allowable across the resistor is “VR,” and
maximum load current is ILOAD, R = VR/ILOAD. At light
loads, larger resistors and smaller capacitors can be used
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
to save space. At heavier loads an inductor may have to be
used in place of the resistor. The value of the inductor can
be calculated from:
L
ESR
f
FIL
rr
=
()
()
2
10
20
π
/
ESR = Effective series resistance of filter capacitor. This
assumes that the capacitive reactance is small
compared to ESR, a reasonable assumption for
solid tantalum capacitors above 2.2
µF and 50kHz.
f
= Ripple frequency
rr
= Ripple rejection ratio of filter in dB
Example: ESR = 1.2
Ω, f = 100kHz, rr = –25dB.
LH
FIL =
=
12
63 10
10
34
5
25 20
.
.
/
µ
Solid tantalum capacitors are suggested for the filter to
keep filter Q fairly low. This prevents unwanted ringing at
the resonant frequency of the filter and oscillation prob-
lems with the filter/regulator combination.
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Q Package
5-Lead Plastic DD Pak
(LTC DWG # 05-08-1461)
Q(DD5) 0396
0.028 – 0.038
(0.711 – 0.965)
0.143
+0.012
–0.020
()
3.632
+0.305
–0.508
0.057 – 0.077
(1.447 – 1.955)
0.013 – 0.023
(0.330 – 0.584)
0.095 – 0.115
(2.413 – 2.921)
0.004
+0.008
–0.004
()
0.102
+0.203
–0.102
0.050
± 0.012
(1.270
± 0.305)
0.059
(1.499)
TYP
0.045 – 0.055
(1.143 – 1.397)
0.165 – 0.180
(4.191 – 4.572)
0.330 – 0.370
(8.382 – 9.398)
0.060
(1.524)
TYP
0.390 – 0.415
(9.906 – 10.541)
15
° TYP
0.300
(7.620)
0.075
(1.905)
0.183
(4.648)
0.060
(1.524)
0.060
(1.524)
0.256
(6.502)
BOTTOM VIEW OF DD PAK
HATCHED AREA IS SOLDER PLATED
COPPER HEAT SINK


Similar Part No. - LT1175IT-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175IT-5 LINER-LT1175IT-5 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
LT1175IT-5 LINER-LT1175IT-5 Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175IT-5-PBF LINER-LT1175IT-5-PBF Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175IT-5-TR LINER-LT1175IT-5-TR Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175IT-5-TRPBF LINER-LT1175IT-5-TRPBF Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
More results

Similar Description - LT1175IT-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175 LINER-LT1175_10 Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_05 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Dimensions Semic...
LT1175CS8PBF LINEAR_DIMENSIONS-LT1175CS8PBF Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Technology
LT1175 LINER-LT1175_15 Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
LT3029 LINER-LT3029_11 Datasheet
338Kb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
LT1964 LINER-LT1964_1 Datasheet
222Kb / 16P
   200mA, Low Noise,Low Dropout Negative Micropower Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com