Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1955 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1955
Description  Dual Smart Card Interface with Serial Control
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1955 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1955_15 Datasheet HTML 5Page - Linear Technology LTC1955_15 Datasheet HTML 6Page - Linear Technology LTC1955_15 Datasheet HTML 7Page - Linear Technology LTC1955_15 Datasheet HTML 8Page - Linear Technology LTC1955_15 Datasheet HTML 9Page - Linear Technology LTC1955_15 Datasheet HTML 10Page - Linear Technology LTC1955_15 Datasheet HTML 11Page - Linear Technology LTC1955_15 Datasheet HTML 12Page - Linear Technology LTC1955_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LTC1955
9
1955fd
For more information www.linear.com/LTC1955
operaTion
Serial Port
The microcontroller compatible serial port provides all
of the command and control inputs for the LTC1955, as
well as the status of the two smart cards. Data on the DIN
input is loaded on the rising edge of SCLK. D15 is loaded
first and D0 last. At the same time, the command bits are
being shifted into the DIN input, the status bits are being
shiftedoutoftheDOUToutput.Thestatusbitsarepresented
to DOUT on the rising edge of SCLK. Once all bits have
been clocked into the shift register, the command data is
loaded into the command latch by bringing LD low. At this
time, the command latch is updated and the LTC1955 will
begin to act on the new command set. The status data
is latched into the shift register on the rising edge of LD.
SCLK should be low when LD is brought low and should
be high when LD is brought high. This requires a 9th clock
cycle per transaction. Figure 1 shows the recommended
operation of the serial port.
Multiple LTC1955s may be daisychained together by
connecting the DOUT pin of one LTC1955 to the DIN pin of
another. Figure 6 shows an example of multiple LTC1955s
daisychained together.
The maximum clock rate for the serial port is 10MHz.
The serial port controls the following parameters of each
smart card socket:
• Selection/deselection of a smart card
• VCC voltage level of each card (5V/3V/1.8V/0V)
• Clock mode of each card (synchronous or asynchronous)
• Operating mode of asynchronous cards (clock stop
high, low, ÷1, ÷2, ÷4 or ÷8)
• Selection of the I/O, C4 or C8 pins for card socket A
The serial port provides the following status data:
• It indicates the presence or absence of the smart
cards.
• ItindicatesthereadinessofthesmartcardVCCsupplies.
Communication with a smart card is disabled until its
power supply voltage has reached the final value.
• It indicates fault status. In the event of an electrical or
ATR fault, the fault is reported. For electrical faults, the
LTC1955 will automatically deactivate the smart card.
Table 1 illustrates the command inputs and status outputs
associated with each bit of the serial data word.
Three voltage options are available from the LTC1955: 5V,
3V and 1.8V. Bits D0, D1 (card B) and D8, D9 (card A)
determine which voltage is selected. Setting both control
bits of a channel to 0 deactivates that channel and sets
the smart card supply voltage to 0V. If both channels are
deactivated, the LTC1955 is in shutdown. Table 2 shows
the operation of the supply control bits.
The CLK A/CLK B pins to the smart cards can be pro-
grammedforvariousmodes.Bothsynchronousandasyn-
chronous cards are supported. There are several options
available with asynchronous cards. Table 3 shows how
all clock options are obtained using bits D5–D7 (card B)
and D13–D15 (card A). The default state of the LTC1955
on power up is synchronous mode.
DIN
SCLK
LD
X
D0
D15
X
D1
DOUT
D15 FROM
INPUT
D0
D15
1955 F01
D14
D5
D15
D1
tLC
tDH
tDD
tDS
tH
tL
tCL
tLFC
tCL
READ/WRITE CYCLE
D14
D2
Figure 1. Serial Port Timing Diagram


Similar Part No. - LTC1955_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1955EUH LINER-LTC1955EUH Datasheet
259Kb / 20P
   Dual Smart Card Interface with Serial Control
More results

Similar Description - LTC1955_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1955 LINER-LTC1955 Datasheet
259Kb / 20P
   Dual Smart Card Interface with Serial Control
LTC4556 LINER-LTC4556 Datasheet
242Kb / 20P
   Smart Card Interface with Serial Control
LTC4556 LINER-LTC4556_15 Datasheet
269Kb / 22P
   Smart Card Interface with Serial Control
logo
NXP Semiconductors
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
   Dual smart card interface
2001 Aug 15
logo
ON Semiconductor
NCN6804 ONSEMI-NCN6804 Datasheet
330Kb / 25P
   Dual Smart Card Interface IC with SPI Programming Interface
December, 2008 ??Rev. 1
logo
Dallas Semiconductor
DS8007 DALLAS-DS8007 Datasheet
350Kb / 41P
   Multiprotocol Dual Smart Card Interface
logo
Maxim Integrated Produc...
DS8007A MAXIM-DS8007A Datasheet
410Kb / 41P
   Multiprotocol Dual Smart Card Interface
Rev 0; 4/08
logo
ON Semiconductor
NCN6804 ONSEMI-NCN6804 Datasheet
341Kb / 25P
   Dual Smart Card Interface IC
December, 2008 ??Rev. 1
logo
Semtech Corporation
SC606 SEMTECH-SC606 Datasheet
373Kb / 18P
   Low Noise Smart LED Driver with Serial Interface
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
   SMART CARD INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com