Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1879 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1879
Description  1.2A Synchronous Step-Down Regulator with 15A Quiescent Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1879 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1879_15 Datasheet HTML 4Page - Linear Technology LTC1879_15 Datasheet HTML 5Page - Linear Technology LTC1879_15 Datasheet HTML 6Page - Linear Technology LTC1879_15 Datasheet HTML 7Page - Linear Technology LTC1879_15 Datasheet HTML 8Page - Linear Technology LTC1879_15 Datasheet HTML 9Page - Linear Technology LTC1879_15 Datasheet HTML 10Page - Linear Technology LTC1879_15 Datasheet HTML 11Page - Linear Technology LTC1879_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC1879
1879f
OPERATIO
Main Control Loop
The LTC1879 uses a constant frequency, current mode
step-down architecture. Both the top MOSFET and syn-
chronous bottom MOSFET switches are internal. During
normal operation, the internal top power MOSFET is
turned on each cycle when the oscillator sets the RS latch,
and turned off when the current comparator, ICOMP, resets
the RS latch. The peak inductor current at which ICOMP
turns the top MOSFET off is controlled by the voltage on
the ITH pin, which is the output of error amplifier EA. When
the load current increases, it causes a slight decrease in
the feedback voltage, VFB, relative to the 0.8V internal
reference, which, in turn, causes the ITH voltage to in-
crease until the average inductor current matches the new
load current. While the top MOSFET is off, the bottom
MOSFET is turned on until either the inductor current
starts to reverse direction or the next clock cycle begins.
Comparator OVDET guards against transient overshoots
> 7.5% by turning the main switch off and keeping it off
until the fault is removed.
Burst Mode Operation
The LTC1879 is capable of Burst Mode operation in which
the internal power MOSFETs operate intermittently based
on load demand. To enable Burst Mode operation, simply
tie the SYNC/MODE pin to SVIN or connect it to a logic high
(VSYNC/MODE > 1.5V). To disable Burst Mode operation
and enable PWM pulse skipping mode, connect the SYNC/
MODE pin to SGND. In this mode, the efficiency is lower at
light loads but becomes comparable to Burst Mode opera-
tion when the output load exceeds 100mA. The advantage
of pulse skipping mode is lower output ripple.
When the converter is in Burst Mode operation, the peak
current of the inductor is set to approximately 400mA,
even though the voltage at the ITH pin indicates a lower
value. The voltage at the ITH pin drops when the inductor’s
average current is greater than the load requirement. As
the ITH voltage drops below approximately 0.45V, the
BURST comparator trips, turning off both power MOSFETs.
The ITH pin is then disconnected from the output of the EA
amplifier and held 0.65V above ground.
In sleep mode, both power MOSFETs are held off and the
internal circuitry is partially turned off, reducing the quies-
cent current to 15
µA. The load current is now being
supplied from the output capacitor. When the output
voltage drops, the ITH pin reconnects to the output of the
EA amplifier and the top MOSFET is again turned on and
this process repeats.
Soft-Start/Run Function
The RUN/SS pin provides a soft-start function and a
means to shut down the LTC1879. Soft-start reduces the
input current surge by gradually increasing the regulator’s
maximum output current. This pin can also be used for
power supply sequencing.
Pulling the RUN/SS pin below 0.7V shuts down the
LTC1879, which then draws < 1
µA current from the sup-
ply. This pin can be driven directly from logic circuits as
shown in Figure 1. It is recommended that this pin is driven
to VIN during normal operation. Note that there is no
current flowing out of this pin. Soft-start action is accom-
plished by connecting an external RC network to the RUN/
SS pin as shown in Figure 1. The LTC1879 actively pulls
the RUN/SS pin to ground under low input supply voltage
conditions.
(Refer to Block Diagram)
Figure 1. RUN/SS Pin Interfacing
3.3V OR 5V
VIN
RUN/SS
D1*
0.32V
RSS
CSS
*ZETEX BAT54
1879 F01


Similar Part No. - LTC1879_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1879EGN LINER-LTC1879EGN Datasheet
261Kb / 20P
   1.2A Synchronous Step-Down Regulator with 15mA Quiescent Current
More results

Similar Description - LTC1879_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1879 LINER-LTC1879 Datasheet
261Kb / 20P
   1.2A Synchronous Step-Down Regulator with 15mA Quiescent Current
LT3991-3.3 LINER-LT3991-3.3_15 Datasheet
394Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
LT3991 LINER-LT3991 Datasheet
314Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8 Quiescent Current
LT3991 LINER-LT3991_15 Datasheet
394Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
LT3991-5 LINER-LT3991-5_15 Datasheet
394Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
LT3971-3.3 LINER-LT3971-3.3_15 Datasheet
633Kb / 28P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8A Quiescent Current
LT3971-5 LINER-LT3971-5_15 Datasheet
633Kb / 28P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8A Quiescent Current
LT3971 LINER-LT3971 Datasheet
311Kb / 24P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8 Quiescent Current
LT3971 LINER-LT3971_15 Datasheet
633Kb / 28P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8A Quiescent Current
logo
First Silicon Co., Ltd
FTD6811 FS-FTD6811 Datasheet
1Mb / 16P
   1.5MHz 1.2A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com