Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1877 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1877
Description  High Effi ciency Monolithic Synchronous Step-Down Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1877 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1877_15 Datasheet HTML 6Page - Linear Technology LTC1877_15 Datasheet HTML 7Page - Linear Technology LTC1877_15 Datasheet HTML 8Page - Linear Technology LTC1877_15 Datasheet HTML 9Page - Linear Technology LTC1877_15 Datasheet HTML 10Page - Linear Technology LTC1877_15 Datasheet HTML 11Page - Linear Technology LTC1877_15 Datasheet HTML 12Page - Linear Technology LTC1877_15 Datasheet HTML 13Page - Linear Technology LTC1877_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LTC1877
10
1877fb
APPLICATIONS INFORMATION
Accepting larger values of ΔIL allows the use of low in-
ductance, but results in higher output voltage ripple and
greater core losses. A reasonable starting point for setting
ripple current is ΔIL = 0.4(IMAX).
The inductor value also has an effect on Burst Mode opera-
tion. The transition to low current operation begins when
the inductor current peaks fall to approximately 250mA.
Lower inductor values (higher ΔIL) will cause this to occur
at lower load currents, which can cause a dip in efficiency
in the upper range of low current operation. In Burst Mode
operation, lower inductance values will cause the burst
frequency to increase.
Inductor Core Selection
Once the value for L is known, the type of inductor must
be selected. High efficiency converters generally cannot
afford the core loss found in low cost powdered iron cores,
forcing the use of more expensive ferrite, molypermalloy,
or Kool Mμ cores. Actual core loss is independent of core
size for a fixed inductor value, but it is very dependent
on inductance selected. As inductance increases, core
losses go down. Unfortunately, increased inductance
requires more turns of wire and therefore copper losses
will increase.
Ferrite designs have very low core losses and are pre-
ferred at high switching frequencies, so design goals can
concentrate on copper loss and preventing saturation.
Ferrite core material saturates hard, which means that
inductance collapses abruptly when the peak design current
is exceeded. This results in an abrupt increase in inductor
ripple current and consequent output voltage ripple. Do
not allow the core to saturate!
Kool Mμ (from Magnetics, Inc.) is a very good, low loss core
material for toroids with a soft saturation characteristic.
Molypermalloy is slightly more efficient at high (>200kHz)
switching frequencies but quite a bit more expensive. To-
roids are very space efficient, especially when you can use
several layers of wire, while inductors wound on bobbins
are generally easier to surface mount. New designs for
surface mount inductors are available from Coiltronics,
Coilcraft, Dale and Sumida.
CIN and COUT Selection
In continuous mode, the source current of the top MOSFET
is a square wave of duty cycle VOUT/VIN. To prevent large
voltage transients, a low ESR input capacitor sized for the
maximum RMS current must be used. The maximum RMS
capacitor current is given by:
CIN required IRMS ≅ IOMAX
VOUT VIN − VOUT
()
⎡⎣
⎤⎦
1/2
VIN
This formula has a maximum at VIN = 2VOUT, where IRMS
= IOUT/2. This simple worst-case condition is commonly
used for design because even significant deviations do
not offer much relief. Note the capacitor manufacturer’s
ripple current ratings are often based on 2000 hours of
life. This makes it advisable to further derate the capacitor,
or choose a capacitor rated at a higher temperature than
required. Several capacitors may also be paralleled to meet
size or height requirements in the design. Always consult
the manufacturer if there is any question.
The selection of COUT is driven by the required effective
series resistance (ESR). Typically, once the ESR require-
ment is satisfied, the capacitance is adequate for filtering.
The output ripple ΔVOUT is determined by:
ΔVOUT ≅ΔIL ESR+
1
8fCOUT
where f = operating frequency, COUT = output capacitance
and ΔIL = ripple current in the inductor. The output ripple
is highest at maximum input voltage since ΔIL increases
with input voltage. For the LTC1877, the general rule for
proper operation is:
COUT required ESR < 0.25Ω
The choice of using a smaller output capacitance increases
the output ripple voltage due to the frequency dependent
term but can be compensated for by using capacitor(s) of
very low ESR to maintain low ripple voltage. The ITH pin
compensation components can be optimized to provide
stable high performance transient response regardless of
the output capacitor selected.
ESR is a direct function of the volume of the capacitor.
Manufacturers such as Taiyo Yuden, AVX, Sprague, Kemet
and Sanyo should be considered for high performance ca-


Similar Part No. - LTC1877_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1877EMS8 LINER-LTC1877EMS8 Datasheet
225Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Regulator
More results

Similar Description - LTC1877_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3707 LINER-LTC3707 Datasheet
399Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707-SYNC LINER-LTC3707-SYNC_15 Datasheet
400Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707 LINER-LTC3707_15 Datasheet
394Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707-SYNC LINER-LTC3707-SYNC Datasheet
405Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3632 LINER-LTC3632 Datasheet
469Kb / 22P
   High Effi ciency, High Voltage 20mA Synchronous Step-Down Converter
LTC3642 LINER-LTC3642 Datasheet
281Kb / 20P
   High Effi ciency, High Voltage 50mA Synchronous Step-Down Converter
LTC3631 LINER-LTC3631 Datasheet
376Kb / 22P
   High Effi ciency, High Voltage 100mA Synchronous Step-Down Converter
LTC3727A-1 LINER-LTC3727A-1_15 Datasheet
339Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3555 LINER-LTC3555 Datasheet
295Kb / 32P
   High Effi ciency USB Power Manager Triple Step-Down DC/DC
LTC1878 LINER-LTC1878 Datasheet
225Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com