Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1773 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1773
Description  Synchronous Step-Down DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1773 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1773_15 Datasheet HTML 4Page - Linear Technology LTC1773_15 Datasheet HTML 5Page - Linear Technology LTC1773_15 Datasheet HTML 6Page - Linear Technology LTC1773_15 Datasheet HTML 7Page - Linear Technology LTC1773_15 Datasheet HTML 8Page - Linear Technology LTC1773_15 Datasheet HTML 9Page - Linear Technology LTC1773_15 Datasheet HTML 10Page - Linear Technology LTC1773_15 Datasheet HTML 11Page - Linear Technology LTC1773_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC1773
8
1773fb
inductor ripple current and consequent output voltage
ripple. Do not allow the core to saturate!
Molypermalloy (from Magnetics, Inc.) is a very good, low
loss core material for toroids, but it is more expensive than
ferrite. A reasonable compromise from the same manu-
facturer is Kool M
µ. Toroids are very space efficient,
especially when you can use several layers of wire. Be-
cause they generally lack a bobbin, mounting is more
difficult. However, new designs for surface mount are
available which do not increase the height significantly.
Power MOSFET and Schottky Diode Selection
Two external power MOSFETs must be selected for use
with the LTC1773: a P-channel MOSFET for the top (main)
switch, and an N-channel MOSFET for the bottom (syn-
chronous) switch.
The peak-to-peak gate drive levels are set by the VIN
voltage. Therefore, for VIN > 5V, logic-level threshold
MOSFETs should be used. But, for VIN < 5V, sub-logic
level threshold MOSFETs (VGS(TH) < 3V) should be used.
In these applications, make sure that the VIN to the
LTC1773 is less than 8V because the absolute maximum
VGS rating of the majority of these sub-logic threshold
MOSFETs is 8V.
Selection criteria for the power MOSFETs include the “ON”
resistance RDS(ON), reverse transfer capacitance CRSS,
input voltage, maximum output current, and total gate
charge. When the LTC1773 is operating in continuous
mode the duty cycles for the top and bottom MOSFETs are
given by:
Main Switch Duty Cycle = VOUT/VIN
Synchronous Switch Duty Cycle = (VIN – VOUT)/VIN
The MOSFET power dissipations at maximum output
current are given by:
P
V
V
IR
KV
I
C
f
MAIN
OUT
IN
MAX
DSON
IN
MAX
RSS
=
() +
()
+
() ( )(
)( )
2
2
1
δ
APPLICATIONS INFORMATION
The operating frequency and inductor selection are inter-
related in that higher operating frequencies allow the use
of smaller inductor and capacitor values. However, oper-
ating at a higher frequency generally results in lower
efficiency because of external MOSFET gate charge losses.
The inductor value has a direct effect on ripple current. The
ripple current,
∆IL, decreases with higher inductance or
frequency and increases with higher VIN or VOUT.
∆I
fL
V
V
V
L
OUT
OUT
IN
= ()( )
⎝⎜
⎠⎟
1
1–
(1)
Accepting larger values of
∆IL allows the use of lower
inductances, but results in higher output voltage ripple
and greater core losses. A reasonable starting point for
setting ripple current is 30% to 40% of IMAX. Remember,
the maximum
∆IL occurs at the maximum input voltage.
The inductor value also has an effect on Burst Mode
operation. The transition to low current operation begins
when the inductor current peaks fall to approximately 1/3
its original value. Lower inductor values (higher
∆IL) will
cause this to occur at lower load currents, which can cause
a dip in efficiency in the upper range of low current
operation. In Burst Mode operation, lower inductance
values will cause the burst frequency to increase.
Inductor Core Selection
Once the value for L is known, the type of inductor must be
selected. High efficiency converters generally cannot af-
ford the core loss found in low cost powdered iron cores,
forcing the use of more expensive ferrite, molypermalloy,
or Kool M
µ® cores. Actual core loss is independent of core
size for a fixed inductor value, but it is very dependent on
inductance selected. As inductance increases, core losses
go down. Unfortunately, increased inductance requires
more turns of wire and therefore copper losses will in-
crease. Ferrite designs have very low core losses and are
preferred at high switching frequencies, so design goals
can concentrate on copper loss and preventing saturation.
Ferrite core material saturates “hard”, which means that
inductance collapses abruptly when the peak design cur-
rent is exceeded. This results in an abrupt increase in


Similar Part No. - LTC1773_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1773EMS LINER-LTC1773EMS Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773EMS-PBF LINER-LTC1773EMS-PBF Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773EMS-TR LINER-LTC1773EMS-TR Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773EMS-TRPBF LINER-LTC1773EMS-TRPBF Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
More results

Similar Description - LTC1773_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Analog Devices
ADP1853 AD-ADP1853 Datasheet
845Kb / 28P
   Synchronous, Step-Down DC-to-DC Controller
REV. 0
logo
Torex Semiconductor
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
logo
Linear Technology
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
   Voltage, Synchronous Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
logo
Infineon Technologies A...
TLF51801ELV INFINEON-TLF51801ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0.1, 2013-04-15
logo
Anpec Electronics Corop...
APW7057 ANPEC-APW7057 Datasheet
154Kb / 14P
   High Power Step-Down Synchronous DC/DC Controller
APW7057 ANPEC-APW7057_08 Datasheet
419Kb / 15P
   High Power Step-Down Synchronous DC/DC Controller
logo
Infineon Technologies A...
IFX81481ELV INFINEON-IFX81481ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0, 2013-09-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com