Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDS360Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PDS360Q
Description  3A SCHOTTKY BARRIER RECTIFIER POWERDI짰
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS360Q Datasheet(HTML) 3 Page - Diodes Incorporated

  PDS360Q_15 Datasheet HTML 1Page - Diodes Incorporated PDS360Q_15 Datasheet HTML 2Page - Diodes Incorporated PDS360Q_15 Datasheet HTML 3Page - Diodes Incorporated PDS360Q_15 Datasheet HTML 4Page - Diodes Incorporated PDS360Q_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
PDS360Q
Document number: DS36911 Rev. 1 - 2
3 of 5
www.diodes.com
February 2014
© Diodes Incorporated
PDS360Q
0
1
2
3
4
0
1
2
3
45
6
7
I
, AVERAGE FORWARD CURRENT (A)
Fig. 1 Forward Power Dissipation
F(AV)
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
10
1
0.1
0.0001
0.001
0.01
0.00001
100
0
100
1n
10n
100n
1m
020
40
60
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics
R
10
30
50
10m
10
100
1,000
0
5
10
20
15
30
25
V , DC REVERSE VOLTAGE (V)
Fig. 4 Total Capacitance vs. Reverse Voltage
R
0
0
0.5
1
1.5
2.5
2
3
3.5
4
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 5 Forward Current Derating Curve
A
0
40
200
160
120
80
0
15
30
45
60
V , DC REVERSE VOLTAGE (V)
Fig. 6 Operating Temperature Derating
R


Similar Part No. - PDS360Q_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS360Q-13 DIODES-PDS360Q-13 Datasheet
232Kb / 5P
   3A SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 February 2014
More results

Similar Description - PDS360Q_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS360 DIODES-PDS360_15 Datasheet
507Kb / 5P
   3A SCHOTTKY BARRIER RECTIFIER POWERDI짰
PDS340Q DIODES-PDS340Q_15 Datasheet
218Kb / 5P
   3A SCHOTTKY BARRIER RECTIFIER POWERDI짰
PDS760Q DIODES-PDS760Q_15 Datasheet
207Kb / 5P
   7A SCHOTTKY BARRIER RECTIFIER POWERDI짰
PDS540 DIODES-PDS540_15 Datasheet
436Kb / 5P
   5A SCHOTTKY BARRIER RECTIFIER POWERDI짰
PDS540Q DIODES-PDS540Q_15 Datasheet
223Kb / 5P
   5A SCHOTTKY BARRIER RECTIFIER POWERDI짰
PDS1045 DIODES-PDS1045_15 Datasheet
432Kb / 5P
   10A SCHOTTKY BARRIER RECTIFIER POWERDI짰
PDS1040L DIODES-PDS1040L_15 Datasheet
369Kb / 6P
   10A LOW VF SCHOTTKY BARRIER RECTIFIER POWERDI짰
PD3S230L DIODES-PD3S230L_15 Datasheet
112Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERDI짰
DFLS2100 DIODES-DFLS2100_15 Datasheet
110Kb / 4P
   2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰
PDS340Q DIODES-PDS340Q Datasheet
405Kb / 5P
   3A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com