Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1700 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1700
Description  No RSENSE Synchronous Step-Up DC/DC Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1700 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1700_15 Datasheet HTML 5Page - Linear Technology LTC1700_15 Datasheet HTML 6Page - Linear Technology LTC1700_15 Datasheet HTML 7Page - Linear Technology LTC1700_15 Datasheet HTML 8Page - Linear Technology LTC1700_15 Datasheet HTML 9Page - Linear Technology LTC1700_15 Datasheet HTML 10Page - Linear Technology LTC1700_15 Datasheet HTML 11Page - Linear Technology LTC1700_15 Datasheet HTML 12Page - Linear Technology LTC1700_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC1700
9
1700fa
load current. When the LTC1700 is operating in continu-
ous mode, the duty cycles for the MOSFETs are:
Main MOSFET Duty Cycle = 1 – VIN/VOUT
Synchronous MOSFET Duty Cycle = VIN/VOUT
The MOSFET power dissipations at maximum output
current are:
PMAIN = (1 – VIN/VOUT)(IO(MAX)2)(ρT(MAIN))(RDS(ON))
+ (k)(V0UT2)(IO(MAX))CRSS(f)
PSYNC = (VIN/VOUT)(IO(MAX)2)(ρT(BOT))(RDS(ON))
Both MOSFETs have I2R losses and the PMAIN equation
includes an additional term for transition losses, which are
largest at high output voltages. The constant k = 2.5 can be
used to estimate the amount of transition loss. The syn-
chronous MOSFET losses are greatest at high input volt-
age and low output voltage.
Start-Up Load Current
In start-up mode, the current limit is set at 60mA and the
oscillator runs at 210kHz with 50% duty cycle at
VIN = 1.8V. Since the current limit is low, the amount of
energy that is stored in the inductor during the on time is
small. Therefore the LTC1700 is incapable of supplying
the full load current. Figure 4 shows the amount of load
current the LTC1700 can provide while successfully exit-
ing out of the start-up mode. If the load current exceeds
the amount shown in Figure 4 during start-up, the output
voltage will not increase but will “hang” at a value below
the regulated voltage. However, if the load current is lower,
then there is a net positive amount of energy stored in the
output capacitor for every cycle. The output voltage then
rises and once it exceeds 2.3V, the LTC1700 will success-
fully exit out of its start-up mode.
Operating Frequency and Synchronization
The choice of operating frequency and inductor value is a
trade-off between efficiency and component size. Low
frequency operation improves efficiency by reducing
MOSFET switching losses, both gate charge loss and
transition loss. However, lower frequency operation re-
quires more inductance for a given amount of ripple
current.
The internal oscillator runs at a nominal 530kHz frequency
when the SYNC/MODE pin is either connected to GND or
VIN. When a CMOS compatible clock is applied to the
SYNC/MODE pin, the internal oscillator will lock on to the
external clock. The LTC1700 uses a novel technique to
phase lock to the external clock without the requirement of
an external PLL filter, hence minimizing components. The
capture range is between 400kHz to 750kHz. Do not
synchronize below or above the capture range as this will
cause abnormal operation. During synchronization, Burst
Mode operation is inhibited.
The LTC1700 will lock on at the leading edge of the external
clock and the minimum pulse width required is
200ns.
Remember just because you can operate at a high switch-
ing frequency doesn’t always mean you should. At higher
frequencies the switching loss increases, so the CRSS of
the N-channel MOSFET becomes very critical to keep
efficiencies high.
Slope Compensation and Peak Inductor Current
Current mode switching regulators that operate with a
duty cycle greater than 50% with continuous inductor
current can exhibit duty cycle instability. While the regu-
lator will not be damaged and may even continue to
function acceptably, a look at its frequency spectrum
will indicate harmonics. These harmonics may interfere
with other sensitive devices and will cause non-optimal
performance.
Figure 4. Start-Up Load Current
APPLICATIONS INFORMATION
VIN (V)
1.0
2.2
1700 • G04
1.4
1.8
40
35
30
25
20
15
10
5
0
1.2
1.6
2.0
2.4
A
B
C
D
E
A = 15µH
B = 10µH
C = 6.2µH
D = 4.2µH
E = 2.2µH


Similar Part No. - LTC1700_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1700EMS LINER-LTC1700EMS Datasheet
194Kb / 16P
   No RSENSE Synchronous Step-Up DC/DC Controller
More results

Similar Description - LTC1700_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1700 LINER-LTC1700 Datasheet
194Kb / 16P
   No RSENSE Synchronous Step-Up DC/DC Controller
LTC3822-1 LINER-LTC3822-1 Datasheet
375Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1_15 Datasheet
385Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3809 LINER-LTC3809 Datasheet
291Kb / 24P
   No RSENSE?? Low EMI, Synchronous DC/DC Controller
LTC3809 LINER-LTC3809_15 Datasheet
296Kb / 24P
   No RSENSE, Low EMI, Synchronous DC/DC Controller
LTC3772B LINER-LTC3772B_15 Datasheet
328Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772 LINER-LTC3772 Datasheet
252Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772B LINER-LTC3772B Datasheet
322Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772 LINER-LTC3772_15 Datasheet
258Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3878 LINER-LTC3878_15 Datasheet
408Kb / 26P
   Fast, Wide Operating Range No RSENSE Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com