Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1176CN8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1176CN8
Description  Step-Down Switching Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1176CN8 Datasheet(HTML) 1 Page - Linear Technology

  LT1176CN8 Datasheet HTML 1Page - Linear Technology LT1176CN8 Datasheet HTML 2Page - Linear Technology LT1176CN8 Datasheet HTML 3Page - Linear Technology LT1176CN8 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
LT1176/LT1176-5
Step-Down
Switching Regulator
S
FEATURE
s
1.2A On-Board Switch
s
100kHz Switching Frequency
s
Excellent Dynamic Behavior
s
DIP and Surface Mount Packages
s
Only 8mA Quiescent Current
s
Preset 5V Output Available
s
Operates Up to 35V Input
s
Micropower Shutdown Mode
APPLICATI
TYPICAL
Basic 5V Positive Buck Converter
5V Buck Converter Efficiency
tion. The power switch, all oscillator and control circuitry,
and all current limit components are included on the chip.
The topology is a classic positive “buck” configuration but
several design innovations allows this device to be used as
a positive-to-negative converter, a negative boost con-
verter, and as a flyback converter. The switch output is
specified to swing below ground.
The LT1176 uses a true analog multiplier in the feedback
loop. This makes the device respond nearly instantaneously
to input voltage fluctuations and makes loop gain indepen-
dent of input voltage. As a result, dynamic behavior of the
regulator is significantly improved over previous designs.
On-chip pulse by pulse current limiting makes the LT1176
nearly bust-proof for output overloads or shorts. The input
voltage range as a buck converter is 8V to 35V, but a self-
boot feature allows input voltages as low as 5V in the
inverting and boost configurations.
The LT1176 is available in a low cost 8-lead DIP package
with frequency preset at 100kHz and current limit at 1.7A An
adjustable output is offered as well as a preset 5V version.
For further design details and application help, see the
LT1074/LT1076 data sheet and Application Note 44.
DESCRIPTIO
The LT1176 is a 1A monolithic bipolar switching regulator
which requires only a few external parts for normal opera-
S
APPLICATI
s
Buck Converter with Output Voltage Range of
2.5V to 30V
s
Positive-to-Negative Converter
s
Negative Boost Converter
s
Mulitple Output Buck Converter
VC
GND
LT1176-5
R3
2.7k
C2
0.01
µF
1N5819
+
C3
100
µF
+
C1
470
µF
25V
LT1176/76-5 • TA01
5V, 0.8A
10V T0 35V
L1*
100
µH
*COILTRONICS #100-1-52
PULSE ENGINEERING, INC. #PE-92102
HURRICANE #HL-AG210LL
THESE ARE LOW COST POWDERED IRON CORES. OPTIMUM EFFICIENCY
AND SMALLEST SIZE IS OBTAINED BY USING A LOW LOSS CORE SUCH
AS MAGNETICS INC. KOOL M
µ. SEE EFFICIENCY GRAPH.
VIN
VSW
SENSE
LOAD CURRENT (A)
60
70
80
90
0.2
0.4
0.6
0.8
LT1176/76-5 • TA02
1.0
0.1
0.3
0.5
0.7
0.9
L = 100
µH ON MAGNETICS INC.
SIZE T-50 KOOL M
µ CORE
VIN = 20V
VIN = 10V


Similar Part No. - LT1176CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
146Kb / 8P
   Step-Down Switching Regulator
LT1176-5 LINER-LT1176-5 Datasheet
146Kb / 8P
   Step-Down Switching Regulator
LT1176-5 LINER-LT1176-5_15 Datasheet
146Kb / 8P
   Step-Down Switching Regulator
LT1176 LINER-LT1176_15 Datasheet
146Kb / 8P
   Step-Down Switching Regulator
More results

Similar Description - LT1176CN8

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
   Step-down Switching Regulator
LV5858M SANYO-LV5858M Datasheet
250Kb / 9P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com