Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1083CP Datasheet(PDF) 1 Page - Linear Technology

Part # LT1083CP
Description  3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1083CP Datasheet(HTML) 1 Page - Linear Technology

  LT1083CP Datasheet HTML 1Page - Linear Technology LT1083CP Datasheet HTML 2Page - Linear Technology LT1083CP Datasheet HTML 3Page - Linear Technology LT1083CP Datasheet HTML 4Page - Linear Technology LT1083CP Datasheet HTML 5Page - Linear Technology LT1083CP Datasheet HTML 6Page - Linear Technology LT1083CP Datasheet HTML 7Page - Linear Technology LT1083CP Datasheet HTML 8Page - Linear Technology LT1083CP Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1083/84/85 Fixed
DEVICE
OUTPUT CURRENT*
LT1083
7.5 Amps
LT1084
5.0 Amps
LT1085
3.0 Amps
*For a 1.5A low dropout regulator see the LT1086 data sheet.
s
Three-Terminal 3.3V, 3.6V, 5V and 12V
s
Output Current of 3A, 5A or 7.5A
s
Operates Down to 1V Dropout
s
Guaranteed Dropout Voltage at Multiple Current Levels
s
Line Regulation: 0.015%
s
Load Regulation: 0.1%
s
100% Thermal Limit Functional Test
s
Adjustable Versions Available
The LT1083 series of positive adjustable regulators are
designed to provide 3A, 5A and 7.5A with higher efficiency
than currently available devices. All internal circuitry is
designed to operate down to 1V input to output differential
and the dropout voltage is fully specified as a function of
load current. Dropout is guaranteed at a maximum of 1.5V
at maximum output current, decreasing at lower load
currents. On-chip trimming adjusts the output voltage to
1%. Current limit is also trimmed, minimizing the stress
on both the regulator and power source circuitry under
overload conditions.
The 1083 series devices are pin compatible with older
three-terminal regulators. A 10
µF output capacitor is
required on these new devices; however, this is usually
included in most regulator designs.
Unlike PNP regulators, where up to 10% of the output
current is wasted as quiescent current, the LT1083 quies-
cent current flows into the load, increasing efficiency.
3A, 5A, 7.5A Low Dropout
Positive Fixed Regulators
FEATURES
DESCRIPTION
TYPICAL APPLICATION
s
High Efficiency Linear Regulators
s
Post Regulators for Switching Supplies
s
Constant Current Regulators
s
Battery Chargers
APPLICATIONS
5V, 7.5A Regulator
Dropout Voltage vs Output Current
VIN ≥ 6.5V
5V AT 7.5A
LT1083-5
LT1083/4/5 TA01
22µF*
TANTALUM
+
10µF
+
*REQUIRED FOR STABILITY
OUTPUT CURRENT (A)
0
2
1
0
1083/4/5 TA02
IFULL LOAD/2
IFULL LOAD


Similar Part No. - LT1083CP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1083CP LINER-LT1083CP Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083CP LINER-LT1083CP Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
Linear Integrated Syste...
LT1083CP-12 LINEAR-LT1083CP-12 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Technology
LT1083CP-12 LINER-LT1083CP-12 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1083CP-12 LINER-LT1083CP-12 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results

Similar Description - LT1083CP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1084 LINER-LT1084_15 Datasheet
291Kb / 22P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085CT-33 LINER-LT1085CT-33 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1084 LINER-LT1084_V01 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Integrated Syste...
LT1083 LINEAR-LT1083_1 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
List of Unclassifed Man...
OM185-5ST ETC-OM185-5ST Datasheet
407Kb / 4P
   7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085 LINER-LT1085_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com