Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1647-2 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1647-2
Description  Dual Hot Swap Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1647-2 Datasheet(HTML) 5 Page - Linear Technology

  LTC1647-2_15 Datasheet HTML 1Page - Linear Technology LTC1647-2_15 Datasheet HTML 2Page - Linear Technology LTC1647-2_15 Datasheet HTML 3Page - Linear Technology LTC1647-2_15 Datasheet HTML 4Page - Linear Technology LTC1647-2_15 Datasheet HTML 5Page - Linear Technology LTC1647-2_15 Datasheet HTML 6Page - Linear Technology LTC1647-2_15 Datasheet HTML 7Page - Linear Technology LTC1647-2_15 Datasheet HTML 8Page - Linear Technology LTC1647-2_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LTC1647-1/
LTC1647-2/LTC1647-3
5
1647fa
TYPICAL PERFORMANCE CHARACTERISTICS
VGATE1 vs VCC2
GATE Output Source Current
vs VCC
GATE Output Source Current
vs Temperature
ICC2 vs VCC2
(VGATE – VCC) vs VCC
VGATE vs VCC
(VGATE – VCC) vs Temperature
VGATE vs Temperature
(VGATE1 – VCC1) vs Temperature
VCC2 (V)
0
2
4
6
8
10 12 14 16 18 20
1647-1/2/3 G04
5
4
3
2
1
0
TA = 25°C
VCC1 = 15V
VCC1 = 12V
VCC1 = 3V
VCC1 = 5V
VCC (V)
02468
10 12 14 16 18 20
1647-1/2/3 G05
20
18
16
14
12
10
8
6
4
2
0
TA = 25°C
VCC = VCC1 = VCC2
VCC (V)
02468
10 12 14 16 18 20
1647-1/2/3 G06
30
25
20
15
10
5
0
TA = 25°C
VCC = VCC1 = VCC2
TEMPERATURE (°C)
1647-1/2/3 G07
20
18
16
14
12
10
8
6
4
2
0
VCC = VCC1 = VCC2
–75 –50 –25
0
25
50
75 100 125 150
VCC = 15V
VCC = 12V
VCC = 3V
VCC = 5V
TEMPERATURE (°C)
1647-1/2/3 G08
35
30
25
20
15
10
5
0
VCC = VCC1 = VCC2
–75 –50 –25
0
25
50
75 100 125 150
VCC = 15V
VCC = 12V
VCC = 3V
VCC = 5V
VCC2 (V)
0
2
4
6
8
10 12 14 16 18 20
1647-1/2/3 G09
20
18
16
14
12
10
8
6
4
2
0
VCC1 = 15V
VCC1 = 12V
VCC1 = 3V
VCC1 = 5V
TA = 25°C
(LTC1647-3)
VCC2 (V)
02468
10 12 14 16 18 20
1647-1/2/3 G10
35
30
25
20
15
10
5
0
TA = 25°C
(LTC1647-3)
VCC1 = 15V
VCC1 = 12V
VCC1 = 3V
VCC1 = 5V
VCC (V)
02468
10 12 14 16 18 20
1647-1/2/3 G11
14
13
12
11
10
9
8
7
6
TA = 25°C
VCC = VCC1 =VCC2
TEMPERATURE (°C)
1647-1/2/3 G12
14
13
12
11
10
9
8
7
6
VCC = VCC1 = VCC2 = 5V
–75 –50 –25
0
25
50
75 100 125 150


Similar Part No. - LTC1647-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1647-2CS8 LINER-LTC1647-2CS8 Datasheet
249Kb / 20P
   Dual Hot Swap Controllers
LTC1647-2IS8 LINER-LTC1647-2IS8 Datasheet
249Kb / 20P
   Dual Hot Swap Controllers
More results

Similar Description - LTC1647-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-1 LINER-LTC1647-1 Datasheet
249Kb / 20P
   Dual Hot Swap Controllers
LTC1647-3 LINER-LTC1647-3_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
logo
Maxim Integrated Produc...
MAX5916A MAXIM-MAX5916A Datasheet
579Kb / 25P
   Dual PCI 2.2 Hot-Swap Controllers
Rev 1; 4/04
MAX5915 MAXIM-MAX5915 Datasheet
657Kb / 25P
   Dual PCI 2.2 Hot-Swap Controllers
19-2420; Rev 0; 4/02
logo
Linear Technology
LTC4253 LINER-LTC4253_12 Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
logo
Micrel Semiconductor
MIC2085 MICREL-MIC2085 Datasheet
1,014Kb / 29P
   Single Channel Hot Swap Controllers
MIC2582 MICREL-MIC2582 Datasheet
190Kb / 22P
   Single Channel Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com