Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1121ACS8-5 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1121ACS8-5
Description  Micropower Low Dropout Regulators with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1121ACS8-5 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1121ACS8-5 Datasheet HTML 4Page - Linear Technology LT1121ACS8-5 Datasheet HTML 5Page - Linear Technology LT1121ACS8-5 Datasheet HTML 6Page - Linear Technology LT1121ACS8-5 Datasheet HTML 7Page - Linear Technology LT1121ACS8-5 Datasheet HTML 8Page - Linear Technology LT1121ACS8-5 Datasheet HTML 9Page - Linear Technology LT1121ACS8-5 Datasheet HTML 10Page - Linear Technology LT1121ACS8-5 Datasheet HTML 11Page - Linear Technology LT1121ACS8-5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1121/LT1121-3.3/LT1121-5
S
APPLICATI
I FOR ATIO
When the input of the LT1121 is forced to a voltage below
its nominal output voltage and its output is held high, the
reverse output current will still follow the curve in Figure
2. This condition can occur if the input of the LT1121 is
connected to a discharged (low voltage) battery and the
output is held up by either a backup battery or by a second
regulator circuit. When the input pin is forced below the
output pin or the output pin is pulled above the input pin,
the input current will typically drop to less than 2
µA (see
Figure 3). The state of the shutdown pin will have no effect
on the reverse output current when the output is pulled
above the input.
INPUT VOLTAGE (V)
0
5
4
3
2
1
0
4
1121 F03
1
2
3
5
VOUT = 3.3V (LT1121-3.3)
VOUT = 5V (LT1121-5)
Figure 3. Input Current
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Table 6. Fault Conditions
INPUT PIN
SHDN PIN
OUTPUT PIN
< VOUT (Nominal)
Open (Hi)
Forced to VOUT (Nominal)
Reverse Output Current
≈ 15µA (See Figure 2)
Input Current
≈ 1µA (See Figure 3)
< VOUT (Nominal)
Grounded
Forced to VOUT (Nominal)
Reverse Output Current
≈ 15µA (See Figure 2)
Input Current
≈ 1µA (See Figure 3)
Open
Open (Hi)
Forced to VOUT (Nominal)
Reverse Output Current
≈ 15µA (See Figure 2)
Open
Grounded
Forced to VOUT (Nominal)
Reverse Output Current
≈ 15µA (See Figure 2)
≤ 0.8V
Open (Hi)
≤ 0V
Output Current = 0
≤ 0.8V
Grounded
≤ 0V
Output Current = 0
> 1.5V
Open (Hi)
≤ 0V
Output Current = Short-Circuit Current
– 30V < VIN < 30V
Grounded
≤ 0V
Output Current = 0


Similar Part No. - LT1121ACS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1121ACS8-5 LINER-LT1121ACS8-5 Datasheet
177Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results

Similar Description - LT1121ACS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Integrated Syste...
LT1129 LINEAR-LT1129_1 Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1129CST5-PBF LINER-LT1129CST5-PBF Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-3.3 LINER-LT1129-3.3_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_07 Datasheet
177Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-5 LINER-LT1129-5_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com