Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1173 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1173
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1173 Datasheet(HTML) 1 Page - Linear Technology

  LT1173 Datasheet HTML 1Page - Linear Technology LT1173 Datasheet HTML 2Page - Linear Technology LT1173 Datasheet HTML 3Page - Linear Technology LT1173 Datasheet HTML 4Page - Linear Technology LT1173 Datasheet HTML 5Page - Linear Technology LT1173 Datasheet HTML 6Page - Linear Technology LT1173 Datasheet HTML 7Page - Linear Technology LT1173 Datasheet HTML 8Page - Linear Technology LT1173 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT1173
1
Micropower
DC/DC Converter
Adjustable and Fixed 5V, 12V
VOUT
5V/DIV
0V
PROGRAM
5V/DIV
5ms/DIV
1173 TA02
L1*
100
µH
LT1173 • TA01
+
GND
SW2
FB
SW1
LIM
I
IN
V
LT1173
10 F
SANYO
OS-CON
100 F
µ
12V
100mA
1N5818
µ
+
5VIN
1N4148
PROGRAM
47
*L1 = GOWANDA GA20-103K
COILTRONICS CTX100-4
1.07M
124k
NO OVERSHOOT
EFFICIENCY = 81%
= 1% METAL FILM
Logic Controlled Flash Memory VPP Generator
VPP Output
DESCRIPTIO
S
FEATURE
S
APPLICATI
and LTC are registered trademarks and LT is a trademark of Linear Technology Corporation.
s
Operates at Supply Voltages From 2.0V to 30V
s
Consumes Only 110
µA Supply Current
s
Works in Step-Up or Step-Down Mode
s
Only Three External Components Required
s
Low Battery Detector Comparator On-Chip
s
User-Adjustable Current Limit
s
Internal 1A Power Switch
s
Fixed or Adjustable Output Voltage Versions
s
Space Saving 8-Pin MiniDIP or SO8 Package
The LT1173 is a versatile micropower DC-DC converter.
The device requires only three external components to
deliver a fixed output of 5V or 12V. Supply voltage ranges
from 2.0V to 12V in step-up mode and to 30V in step-down
mode. The LT1173 functions equally well in step-up, step-
down or inverting applications.
The LT1173 consumes just 110
µA supply current at
standby, making it ideal for applications where low quies-
cent current is important. The device can deliver 5V at
80mA from a 3V input in step-up mode or 5V at 200mA
from a 12V input in step-down mode.
Switch current limit can be programmed with a single
resistor. An auxiliary gain block can be configured as a low
battery detector, linear post regulator, under voltage lock-
out circuit or error amplifier.
For input sources of less than 2V, use the LT1073.
s
Flash Memory Vpp Generators
s
3V to 5V, 5V to 12V Converters
s
9V to 5V, 12V to 5V Converters
s
LCD Bias Generators
s
Peripherals and Add-On Cards
s
Battery Backup Supplies
s
Laptop and Palmtop Computers
s
Cellular Telephones
s
Portable Instruments
S
APPLICATI
TYPICAL


Similar Part No. - LT1173

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1173 LINER-LT1173 Datasheet
267Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173_15 Datasheet
267Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results

Similar Description - LT1173

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1111 LINER-LT1111 Datasheet
337Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_03 Datasheet
237Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073_15 Datasheet
264Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107_15 Datasheet
217Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173_15 Datasheet
267Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_15 Datasheet
247Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108 Datasheet
266Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1110 LINER-LT1110 Datasheet
310Kb / 16P
   Micropower DC-DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108_15 Datasheet
241Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com