Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1168C Datasheet(PDF) 1 Page - Linear Technology

Part # LT1168C
Description  Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1168C Datasheet(HTML) 1 Page - Linear Technology

  LT1168C Datasheet HTML 1Page - Linear Technology LT1168C Datasheet HTML 2Page - Linear Technology LT1168C Datasheet HTML 3Page - Linear Technology LT1168C Datasheet HTML 4Page - Linear Technology LT1168C Datasheet HTML 5Page - Linear Technology LT1168C Datasheet HTML 6Page - Linear Technology LT1168C Datasheet HTML 7Page - Linear Technology LT1168C Datasheet HTML 8Page - Linear Technology LT1168C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1168
Low Power, Single
Resistor Gain Programmable,
Precision Instrumentation Amplifier
TheLT
®1168isamicropower,precisioninstrumentationam-
plifier that requires only one external resistor to set gains of
1 to 10,000. The low voltage noise of 10nV/
√Hz (at 1kHz) is
notcompromisedbylowpowerdissipation(350
µAtypicalfor
±15Vsupplies).Thewidesupplyrangeof±2.3Vto±18Vallows
the LT1168 to fit into a wide variety of industrial as well as
battery-powered applications.
ThehighaccuracyoftheLT1168isduetoa20ppmmaximum
nonlinearityand0.4%maxgainerror(G=10).Previousmono-
lithic instrumentation amps cannot handle a 2k load resistor
whereas the nonlinearity of the LT1168 is specified for loads
as low as 2k. The LT1168 is laser trimmed for very low input
offsetvoltage(40
µVmax),drift(0.3µV/°C),highCMRR(90dB,
G = 1) and PSRR (103dB, G = 1). Low input bias currents of
250pA max are achieved with the use of superbeta process-
ing. The output can handle capacitive loads up to 1000pF in
any gain configuration while the inputs are ESD protected up
to 13kV (human body). The LT1168 with two external 5k
resistors passes the IEC 1000-4-2 level 4 specification.
The LT1168 is a pin-for-pin improved second source for the
AD620 and INA118. The LT1168, offered in 8-pin PDIP and
SO packages, requires significantly less PC board area than
discrete op amp resistor designs. These advantages make
the LT1168 the most cost effective solution for precision
instrumentation amplifier applications.
s
Supply Current: 530
µA Max
s
Meets IEC 1000-4-2 Level 4 (
±15kV) ESD Tests
with Two External 5k Resistors
s
Single Gain Set Resistor: G = 1 to 10,000
s
Gain Error: G = 10, 0.4% Max
s
Input Offset Voltage Drift: 0.3
µV/°C Max
s
Gain Nonlinearity: G = 10, 20ppm Max
s
Input Offset Voltage: 40
µV Max
s
Input Bias Current: 250pA Max
s
PSRR at AV =1: 103dB Min
s
CMRR at AV = 1: 90dB Min
s
Wide Supply Range:
±2.3V to ±18V
s
1kHz Voltage Noise: 10nV/
√Hz
s
0.1Hz to 10Hz Noise: 0.28
µVP-P
s
Available in 8-Pin PDIP and SO Packages
s
Bridge Amplifiers
s
Strain Gauge Amplifiers
s
Thermocouple Amplifiers
s
Differential to Single-Ended Converters
s
Differential Voltage to Current Converters
s
Data Acquisition
s
Battery-Powered and Portable Equipment
s
Medical Instrumentation
s
Scales
, LTC and LT are registered trademarks of Linear Technology Corporation.
Single Supply* Pressure Monitor
G = 1000
OUTPUT VOLTAGE (2V/DIV)
1168 TA01a
RL = 2k
VOUT = ±10V
Gain Nonlinearity
*See Theory of Operation section
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
+
2
3
2
1
1
1
1/2
LT1112
3.5k
5V
3.5k
3.5k
3.5k
8
7
6
1168 TA01
5
40k
20k
40k
DIGITAL
DATA
OUTPUT
4
R1
G = 200
249
3
REF
IN
AGND
ADC
LTC
®1286
BI TECHNOLOGIES
67-8-3 R40KQ, (0.02% RATIO MATCH)
+
LT1168


Similar Part No. - LT1168C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1168CN8 LINER-LT1168CN8 Datasheet
363Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168CS8 LINER-LT1168CS8 Datasheet
363Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
More results

Similar Description - LT1168C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1168 LINER-LT1168_06 Datasheet
363Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168_15 Datasheet
349Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_02 Datasheet
304Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167 Datasheet
426Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920_15 Datasheet
306Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_15 Datasheet
364Kb / 22P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920 Datasheet
329Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
   Precision, Micropower, Single Supply Instrumentation Amplifier
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com