Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1169 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1169
Description  Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1169 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1169 Datasheet HTML 4Page - Linear Technology LT1169 Datasheet HTML 5Page - Linear Technology LT1169 Datasheet HTML 6Page - Linear Technology LT1169 Datasheet HTML 7Page - Linear Technology LT1169 Datasheet HTML 8Page - Linear Technology LT1169 Datasheet HTML 9Page - Linear Technology LT1169 Datasheet HTML 10Page - Linear Technology LT1169 Datasheet HTML 11Page - Linear Technology LT1169 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1169
TYPICAL APPLICATIONS N
© LINEAR TECHNOLOGY CORPORATION 1994
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507qTELEX: 499-3977q www.linear-tech.com
1169fa LT/TP 0198 REV A 4K • PRINTED IN USA
10Hz Fourth Order Chebyshev Lowpass Filter (0.01dB Ripple)
LT1169 • TA08
VOUT
TYPICAL OFFSET
≈ 0.8mV
1% TOLERANCES
FOR VIN = 10VP-P, VOUT = –121dB AT f > 330Hz
= – 6dB AT f = 16.3Hz
LOWER RESISTOR VALUES WILL RESULT IN LOWER THERMAL NOISE AND LARGER CAPACITORS
R3
249k
C2
100nF
C1
33nF
R1
237k
VIN
R2
237k
R6
249k
C4
330nF
5
6
1/2 LT1169
7
C3
10nF
R4
154k
R5
154k
8
1
15V
–15V
4
3
2
1/2 LT1169
1. ASSUME VOLTAGE NOISE OF LT1169 AND 51
Ω SOURCE RESISTOR = 6.1nV/√Hz
2. GAIN WITH n LT1169s IN PARALLEL = n
× 200
3. OUTPUT NOISE =
√n × 200 × 6.1nV/√Hz
4. INPUT REFERRED NOISE =
OUTPUT NOISE
=
6.1
nV/
√H
 z
n
× 200
√n
5. NOISE CURRENT AT INPUT INCREASES
√n TIMES
6. IF n = 5, GAIN = 1000, BANDWIDTH = 110kHz, RMS NOISE, DC TO 1MHz =
2.1
µV
= 1.0
µV
8
15V
–15V
4
8
15V
–15V
4
LT1169 • TA06
1.6k
91
7
6
5
3k
1.6k
91
1
2
3
+
A2
1/2 LT1169
+
1.6k
91
1
2
3
A1
1/2 LT1169
10k
7
5
6
1/2 LT1169
+
An
1/2 LT1169
3k
3k
OUTPUT
√5
Paralleling Amplifiers to Reduce Voltage Noise
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1113
Lowest Noise Dual JFET Op Amp
4.5nV/
√Hz Voltage Noise
LT1462
Micro Power Dual JFET Op Amp
3.0pA IB, 45µA ISUPPLY
LT1464
Low Power Dual JFET Op Amp
3.0pA (Max) Input Bias Current


Similar Part No. - LT1169

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1169 LINER-LT1169 Datasheet
300Kb / 12P
   Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1169 LINER-LT1169_15 Datasheet
300Kb / 12P
   Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
More results

Similar Description - LT1169

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1169 LINER-LT1169_15 Datasheet
300Kb / 12P
   Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1793 LINER-LT1793 Datasheet
162Kb / 12P
   Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1793 LINER-LT1793_15 Datasheet
177Kb / 12P
   Low Noise, Picoampere Bias Current, JFET Input Op Amp
logo
Analog Devices
AD706 AD-AD706 Datasheet
246Kb / 8P
   Dual Picoampere Input Current Bipolar Op Amp
REV. C
logo
Linear Technology
LT1024 LINER-LT1024 Datasheet
719Kb / 8P
   Dual,Matched Picoampere, Microvolt Input,Low Noise Op Amp?
logo
Sensitron
SCP-5453 SENSITRON-SCP-5453 Datasheet
62Kb / 5P
   Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
logo
Analog Devices
AD706ARZ AD-AD706ARZ Datasheet
191Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JRZ-REEL7 AD-AD706JRZ-REEL7 Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
logo
Maxim Integrated Produc...
MAX40242 MAXIM-MAX40242 Datasheet
531Kb / 12P
   20V, Low Input Bias-Current, Low-Noise, Dual Op Amp
2018
logo
Linear Technology
LT1024 LINER-LT1024_15 Datasheet
180Kb / 12P
   Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com