Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1166 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1166
Description  Power Output Stage Automatic Bias System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1166 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1166 Datasheet HTML 3Page - Linear Technology LT1166 Datasheet HTML 4Page - Linear Technology LT1166 Datasheet HTML 5Page - Linear Technology LT1166 Datasheet HTML 6Page - Linear Technology LT1166 Datasheet HTML 7Page - Linear Technology LT1166 Datasheet HTML 8Page - Linear Technology LT1166 Datasheet HTML 9Page - Linear Technology LT1166 Datasheet HTML 10Page - Linear Technology LT1166 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1166
APPLICATIONS INFORMATION
how tapping the sense resistors gives twice the limit
current or one half the limit current.
Foldback current limit can be added to the normal or
“square” current limit by including two resistors (30k
typical) from the power supplies to the ILIM pins as shown
in Figure 5. With square current limit the maximum output
current is independent of the voltage across the power
devices. Foldback limit simply makes the output current
dependent on output voltage. This scheme puts dissipa-
tion limits on the output devices. The larger the voltage
across the power device, the lower the available output
current. This is represented in Figure 6, Output Voltage vs
Output Current for the circuit of Figure 5.
Driving the Shunt Regulator
It is possible to current drive the shunt regulator directly
without driving the input transconductance stage. This
has the advantage of higher speed and eliminates the need
to compensate the gm stage. With Pin 2 floating, the
LT1166 can be placed inside a feedback loop and
driven through the biasing current sources. The input
transconductance stage remains biased but has no effect
on circuit operation. The RL in Figure 7 is used to modu-
late the op amp supply current with input signal. This op
amp functions as a V-to-I with the supply leads acting as
current source outputs. The load resistor and the positive
input of the op amp are connected to the output of the
LT1166 for feedback to set AV = 1V/V. The capacitor CF
eliminates output VOS due to mismatch between ITOP and
IBOTTOM, and it also forms a pole at DC and a zero at
1/RFCF. The zero frequency is selected to give a –1V/V
gain in the op amp before the phase of the MOSFETs
degenerate the stability of the loop.
8
7
3
6
5
SENSE+
ILIM
+
VOUT
ILIM
SENSE
LT1166
VTOP
VBOTTOM
0.5
0.5
1
VOUT
V+
V –
4
1
VIN
VIN
RIN
2
1166 • F04
1
(2)(ILIM)
(1/2)(ILIM)
8
7
3
6
5
SENSE+
ILIM
+
VOUT
ILIM
SENSE
LT1166
VTOP
VBOTTOM
1
µF
1
µF
1k
1k
100
10
10
30k
30k
VOUT
4
1
100
IRFR9024
IRFR024
15V
–15V
VIN
5.1k
2
1166 • F05
+
330pF
330pF
20mA
20mA
mA
Figure 5. Unity Gain Buffer Amp with Foldback Current Limit
Figure 4. Tapping Current Limit Resistors
OUTPUT VOLTAGE (V)
–10
200
160
120
80
40
0
–40
–80
–120
–160
–200
6
LT1166 • F06
–6
–8
–4
0
4
8
–2
2
10
SQUARE ILIM
+
SQUARE ILIM
FOLDBACK ILIM
+
FOLDBACK ILIM
Figure 6. Output Current vs Output Voltage


Similar Part No. - LT1166

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1166 LINER-LT1166 Datasheet
403Kb / 16P
   Power Output Stage Automatic Bias System
LT1166 LINER-LT1166_15 Datasheet
403Kb / 16P
   Power Output Stage Automatic Bias System
More results

Similar Description - LT1166

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1166 LINER-LT1166_15 Datasheet
403Kb / 16P
   Power Output Stage Automatic Bias System
logo
Maxim Integrated Produc...
DS1842 MAXIM-DS1842 Datasheet
132Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 4/09
DS1842 MAXIM-DS1842_11 Datasheet
216Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 1; 3/11
DS1842A MAXIM-DS1842A Datasheet
145Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 10/09
MAX17015EVKIT MAXIM-MAX17015EVKIT Datasheet
1Mb / 8P
   Automatic System Power-Source Selection
Rev 0; 10/09
logo
Texas Instruments
UCD74106 TI1-UCD74106 Datasheet
866Kb / 28P
[Old version datasheet]   Synchronous-Buck Power Stage External Bias Supply
logo
Unisonic Technologies
L8402 UTC-L8402 Datasheet
149Kb / 6P
   LOW POWER 4 STAGE FET BIAS CONTROLLER
logo
DISCO Corporation
DCS1440 DISCO-DCS1440 Datasheet
295Kb / 2P
   Automatic Cleaning System
logo
BRIGHT LED ELECTRONICS ...
BIR-BO033A BRIGHT-BIR-BO033A Datasheet
239Kb / 8P
   Automatic Control System
logo
DISCO Corporation
DCS1441 DISCO-DCS1441 Datasheet
449Kb / 2P
   Automatic Cleaning System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com