Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1114MJ Datasheet(PDF) 11 Page - Linear Technology

Part # LT1114MJ
Description  Dual/Quad Low Power Precision, Picoamp Input Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1114MJ Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1114MJ Datasheet HTML 4Page - Linear Technology LT1114MJ Datasheet HTML 5Page - Linear Technology LT1114MJ Datasheet HTML 6Page - Linear Technology LT1114MJ Datasheet HTML 7Page - Linear Technology LT1114MJ Datasheet HTML 8Page - Linear Technology LT1114MJ Datasheet HTML 9Page - Linear Technology LT1114MJ Datasheet HTML 10Page - Linear Technology LT1114MJ Datasheet HTML 11Page - Linear Technology LT1114MJ Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1112/LT1114
APPLICATI
TYPICAL
Dual Buffered
±0.617V Reference Powered by Two AA Batteries
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of circuits as described herein will not infringe on existing patent rights.
SCHE ATIC DIAGRA
(1/2 LT1112, 1/4 LT1114)
+
1/2 LT1112
15k
RX*
*OPTIONAL
+1.5V
+0.617V
LT1004-1.2
100pF
RY*
*OPTIONAL
–1.5V
–0.617V
TOTAL SUPPLY CURRENT = 700
µA
WORKS WITH BATTERIES DISCHARGED
TO ±1.3V
AT ±1.5V: MAXIMUM LOAD CURRENT = 800
µA;
CAN BE INCREASED WITH OPTIONAL RX, RY;
AT RX = RY = 750Ω LOAD CURRENT = 2mA
TEMPERATURE COEFFICIENT LIMITED BY
REFERENCE = 20ppm/°C
LT1112/14 • TA03
1/2 LT1112
20k
0.1%
20k
0.1%
12pF
30k
Q35
800
30pF
Q34
Q5
Q6
4k
35
µA
20
µA
Q22
Q21
Q8
Q4
Q7
Q13
Q3
S
Q2
S
Q1
S
INVERTING
INPUT
NONINVERTING
INPUT
S
Q9
Q10
Q11
50k
1.5k
Q12
V
15
µA
5
µA
5
µA
J1
460
Q15
Q14
460
460
Q17
Q25
Q19
Q27
1.5k
Q33
Q29
80
µA
28
90
30
Q20
OUT
Q26
Q30
Q31
200
200
V+
Q24
Q16
2.5k
Q32
Q28
Q1 TO Q4 ARE SUPERGAIN TRANSISTORS
LT1112/14 • SD01
10k
Q18
+
30k
Q23
3k


Similar Part No. - LT1114MJ

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1114MJ LINEAR-LT1114MJ Datasheet
339Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
More results

Similar Description - LT1114MJ

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1112 LINEAR-LT1112_1 Datasheet
339Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
logo
Linear Technology
LT1112 LINER-LT1112_15 Datasheet
345Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1114 LINER-LT1114_15 Datasheet
345Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1885 LINER-LT1885_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881_1 Datasheet
562Kb / 16P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1882 LINER-LT1882_15 Datasheet
308Kb / 18P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881 Datasheet
183Kb / 12P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881_15 Datasheet
308Kb / 18P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com