Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RU40P3C Datasheet(PDF) 8 Page - Ruichips Semiconductor Co., Ltd

Part # RU40P3C
Description  P-Channel Advanced Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUICHIPS [Ruichips Semiconductor Co., Ltd]
Direct Link  http://www.ruichips.com
Logo RUICHIPS - Ruichips Semiconductor Co., Ltd

RU40P3C Datasheet(HTML) 8 Page - Ruichips Semiconductor Co., Ltd

  RU40P3C Datasheet HTML 1Page - Ruichips Semiconductor Co., Ltd RU40P3C Datasheet HTML 2Page - Ruichips Semiconductor Co., Ltd RU40P3C Datasheet HTML 3Page - Ruichips Semiconductor Co., Ltd RU40P3C Datasheet HTML 4Page - Ruichips Semiconductor Co., Ltd RU40P3C Datasheet HTML 5Page - Ruichips Semiconductor Co., Ltd RU40P3C Datasheet HTML 6Page - Ruichips Semiconductor Co., Ltd RU40P3C Datasheet HTML 7Page - Ruichips Semiconductor Co., Ltd RU40P3C Datasheet HTML 8Page - Ruichips Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
RU40P3C
Ruichips Semiconductor Co., Ltd
Rev. B– MAR., 2013
8
www.ruichips.com
Customer Service
Worldwide Sales and Service:
Sales@ruichips.com
Technical Support:
Technical@ruichips.com
Investor Relations Contacts:
Investor@ruichips.com
Marcom Contact:
Marcom@ruichips.com
Editorial Contact:
Editorial@ruichips.comm
HR Contact:
HR@ruichips.com
Legal Contact:
Legal@ruichips.com
Shen Zhen RUICHIPS Semiconductor CO., LTD
Room 501, the 5floor An Tong Industrial Building,
NO.207 Mei Hua Road Fu Tian Area Shen Zhen City, CHINA
TEL: (86-755) 8311-5334
FAX: (86-755) 8311-4278
E-mail: Sales-SZ@ruichips.com


Similar Part No. - RU40P3C

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RU40P3C VBSEMI-RU40P3C Datasheet
509Kb / 9P
   P-Channel 40 V (D-S) MOSFET
More results

Similar Description - RU40P3C

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU55L18L RUICHIPS-RU55L18L Datasheet
299Kb / 9P
   P-Channel Advanced Power MOSFET
RU20P4C RUICHIPS-RU20P4C Datasheet
262Kb / 9P
   P-Channel Advanced Power MOSFET
RU30P5H RUICHIPS-RU30P5H Datasheet
294Kb / 9P
   P-Channel Advanced Power MOSFET
RU1HL13L RUICHIPS-RU1HL13L Datasheet
298Kb / 9P
   P-Channel Advanced Power MOSFET
RU1HP40Q RUICHIPS-RU1HP40Q Datasheet
295Kb / 9P
   P-Channel Advanced Power MOSFET
RU30P5D RUICHIPS-RU30P5D Datasheet
276Kb / 9P
   P-Channel Advanced Power MOSFET
RU4953BH RUICHIPS-RU4953BH Datasheet
394Kb / 8P
   P-Channel Advanced Power MOSFET
RU16P4M4 RUICHIPS-RU16P4M4 Datasheet
355Kb / 8P
   P-Channel Advanced Power MOSFET
RU20P7C RUICHIPS-RU20P7C Datasheet
388Kb / 8P
   P-Channel Advanced Power MOSFET
RU20P17M2 RUICHIPS-RU20P17M2 Datasheet
386Kb / 8P
   P-Channel Advanced Power MOSFET
RU30L15H RUICHIPS-RU30L15H Datasheet
300Kb / 9P
   P-Channel Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com