Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RU30E60M2 Datasheet(PDF) 1 Page - Ruichips Semiconductor Co., Ltd

Part # RU30E60M2
Description  N-Channel Advanced Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUICHIPS [Ruichips Semiconductor Co., Ltd]
Direct Link  http://www.ruichips.com
Logo RUICHIPS - Ruichips Semiconductor Co., Ltd

RU30E60M2 Datasheet(HTML) 1 Page - Ruichips Semiconductor Co., Ltd

  RU30E60M2 Datasheet HTML 1Page - Ruichips Semiconductor Co., Ltd RU30E60M2 Datasheet HTML 2Page - Ruichips Semiconductor Co., Ltd RU30E60M2 Datasheet HTML 3Page - Ruichips Semiconductor Co., Ltd RU30E60M2 Datasheet HTML 4Page - Ruichips Semiconductor Co., Ltd RU30E60M2 Datasheet HTML 5Page - Ruichips Semiconductor Co., Ltd RU30E60M2 Datasheet HTML 6Page - Ruichips Semiconductor Co., Ltd RU30E60M2 Datasheet HTML 7Page - Ruichips Semiconductor Co., Ltd RU30E60M2 Datasheet HTML 8Page - Ruichips Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RU30E60M2
N-Channel Advanced Power MOSFET
Symbol
Rating
Unit
VDSS
30
VGSS
±20
TJ
150
°C
TSTG
-55 to 150
°C
IS
TC=25°C
60
A
IDP
TC=25°C
240
A
TC=25°C
60
TC=100°C
38
TA=25°C
21
TA=70°C
17
TC=25°C
43
TC=100°C
17
TA=25°C
3.5
TA=70°C
2.3
Ruichips Semiconductor Co., Ltd
Rev. B– JAN., 2014
1
www.ruichips.com
Pin Description
Features
Applications
Absolute Maximum Ratings
PDFN3333
N-Channel MOSFET
Parameter
Common Ratings
(TC=25°C Unless Otherwise Noted)
• 30V/60A,
RDS (ON) =3mΩ(Typ.)@VGS=10V
RDS (ON) =6mΩ(Typ.)@VGS=4.5V
• Super High Dense Cell Design
• Ulta Low On-Resistance
• ESD Protected(Rating 4KV HBM)
• Fast Switching Speed
• 100% avalanche tested
• Lead Free and Green Devices Available (RoHS Compliant)
• Switching Application Systems
Drain-Source Voltage
V
Gate-Source Voltage
Continuous Drain Current@TA(VGS=10V)
Maximum Power Dissipation@TC
Maximum Power Dissipation@TA
Maximum Junction Temperature
Storage Temperature Range
Diode Continuous Forward Current
300μs Pulse Drain Current Tested
Mounted on Large Heat Sink
ID
A
PD
W
Continuous Drain Current@TC(VGS=10V)
S S
S G
D
D
D
D
PIN1
PIN1
G
S
D


Similar Part No. - RU30E60M2

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU30E30L RUICHIPS-RU30E30L Datasheet
280Kb / 9P
   N-Channel Advanced Power MOSFET
RU30E40L RUICHIPS-RU30E40L Datasheet
299Kb / 9P
   N-Channel Advanced Power MOSFET Super High Dense Cell Design
RU30E4B RUICHIPS-RU30E4B Datasheet
335Kb / 8P
   N-Channel Advanced Power MOSFET
logo
VBsemi Electronics Co.,...
RU30E4B VBSEMI-RU30E4B Datasheet
485Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Ruichips Semiconductor ...
RU30E7H RUICHIPS-RU30E7H Datasheet
268Kb / 9P
   N-Channel Advanced Power MOSFET
More results

Similar Description - RU30E60M2

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU1H130Q RUICHIPS-RU1H130Q Datasheet
303Kb / 8P
   N-Channel Advanced Power MOSFET
RU1Z120R RUICHIPS-RU1Z120R Datasheet
453Kb / 8P
   N-Channel Advanced Power MOSFET
RU6H2L RUICHIPS-RU6H2L Datasheet
339Kb / 8P
   N-Channel Advanced Power MOSFET
RU40120M RUICHIPS-RU40120M Datasheet
309Kb / 8P
   N-Channel Advanced Power MOSFET
RU30100L RUICHIPS-RU30100L Datasheet
286Kb / 9P
   N-Channel Advanced Power MOSFET
RU1H130R RUICHIPS-RU1H130R Datasheet
294Kb / 9P
   N-Channel Advanced Power MOSFET
RU6H10R RUICHIPS-RU6H10R Datasheet
450Kb / 11P
   N-Channel Advanced Power MOSFET
RU30D8H RUICHIPS-RU30D8H Datasheet
258Kb / 9P
   N-Channel Advanced Power MOSFET
RU40E25L RUICHIPS-RU40E25L Datasheet
281Kb / 9P
   N-Channel Advanced Power MOSFET
RU4099R RUICHIPS-RU4099R Datasheet
466Kb / 12P
   N-Channel Advanced Power MOSFET
RU6050R RUICHIPS-RU6050R Datasheet
292Kb / 9P
   N-Channel Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com