Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RU5H13R Datasheet(PDF) 4 Page - Ruichips Semiconductor Co., Ltd

Part # RU5H13R
Description  N-Channel Advanced Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUICHIPS [Ruichips Semiconductor Co., Ltd]
Direct Link  http://www.ruichips.com
Logo RUICHIPS - Ruichips Semiconductor Co., Ltd

RU5H13R Datasheet(HTML) 4 Page - Ruichips Semiconductor Co., Ltd

  RU5H13R Datasheet HTML 1Page - Ruichips Semiconductor Co., Ltd RU5H13R Datasheet HTML 2Page - Ruichips Semiconductor Co., Ltd RU5H13R Datasheet HTML 3Page - Ruichips Semiconductor Co., Ltd RU5H13R Datasheet HTML 4Page - Ruichips Semiconductor Co., Ltd RU5H13R Datasheet HTML 5Page - Ruichips Semiconductor Co., Ltd RU5H13R Datasheet HTML 6Page - Ruichips Semiconductor Co., Ltd RU5H13R Datasheet HTML 7Page - Ruichips Semiconductor Co., Ltd RU5H13R Datasheet HTML 8Page - Ruichips Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RU5H13R
Ruichips Semiconductor Co., Ltd
Rev. A– MAY., 2013
4
www.ruichips.com
Typical Characteristics
0
2
4
6
8
10
12
14
25
50
75
100
125
150
175
T
J - Junction Temperature (°C)
Drain Current
VGS=10V
0
200
400
600
800
1000
0
1
2
3
4
5
6
7
8
9
10
V
GS - Gate-Source Voltage (V)
Drain Current
Ids=13A
0
50
100
150
200
250
0
25
50
75
100
125
150
175
T
J - Junction Temperature (°C)
Power Dissipation
0.01
0.10
1.00
10.00
0.1
1
10
100
1000
V
DS - Drain-Source Voltage (V)
Safe Operation Area
10µs
100µs
1ms
10ms
DC
T
C=25°C
0.001
0.01
0.1
1
1E-05
0.0001
0.001
0.01
0.1
1
Square Wave Pulse Duration (sec)
Thermal Transient Impedance
Single Pulse
Duty=0.5, 0.2, 0.1, 0.05, 0.02, 0.01, Single Pulse
RθJC=0.6°C/W


Similar Part No. - RU5H13R

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU5H11P RUICHIPS-RU5H11P Datasheet
370Kb / 9P
   N-Channel Advanced Power MOSFET
RU5H18Q RUICHIPS-RU5H18Q Datasheet
290Kb / 9P
   N-Channel Advanced Power MOSFET Gate charge minimized
More results

Similar Description - RU5H13R

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU1H130Q RUICHIPS-RU1H130Q Datasheet
303Kb / 8P
   N-Channel Advanced Power MOSFET
RU1Z120R RUICHIPS-RU1Z120R Datasheet
453Kb / 8P
   N-Channel Advanced Power MOSFET
RU6H2L RUICHIPS-RU6H2L Datasheet
339Kb / 8P
   N-Channel Advanced Power MOSFET
RU40120M RUICHIPS-RU40120M Datasheet
309Kb / 8P
   N-Channel Advanced Power MOSFET
RU30100L RUICHIPS-RU30100L Datasheet
286Kb / 9P
   N-Channel Advanced Power MOSFET
RU1H130R RUICHIPS-RU1H130R Datasheet
294Kb / 9P
   N-Channel Advanced Power MOSFET
RU6H10R RUICHIPS-RU6H10R Datasheet
450Kb / 11P
   N-Channel Advanced Power MOSFET
RU30D8H RUICHIPS-RU30D8H Datasheet
258Kb / 9P
   N-Channel Advanced Power MOSFET
RU40E25L RUICHIPS-RU40E25L Datasheet
281Kb / 9P
   N-Channel Advanced Power MOSFET
RU4099R RUICHIPS-RU4099R Datasheet
466Kb / 12P
   N-Channel Advanced Power MOSFET
RU6050R RUICHIPS-RU6050R Datasheet
292Kb / 9P
   N-Channel Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com