Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RU1HP60R Datasheet(PDF) 1 Page - Ruichips Semiconductor Co., Ltd

Part # RU1HP60R
Description  P-Channel Advanced Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUICHIPS [Ruichips Semiconductor Co., Ltd]
Direct Link  http://www.ruichips.com
Logo RUICHIPS - Ruichips Semiconductor Co., Ltd

RU1HP60R Datasheet(HTML) 1 Page - Ruichips Semiconductor Co., Ltd

  RU1HP60R Datasheet HTML 1Page - Ruichips Semiconductor Co., Ltd RU1HP60R Datasheet HTML 2Page - Ruichips Semiconductor Co., Ltd RU1HP60R Datasheet HTML 3Page - Ruichips Semiconductor Co., Ltd RU1HP60R Datasheet HTML 4Page - Ruichips Semiconductor Co., Ltd RU1HP60R Datasheet HTML 5Page - Ruichips Semiconductor Co., Ltd RU1HP60R Datasheet HTML 6Page - Ruichips Semiconductor Co., Ltd RU1HP60R Datasheet HTML 7Page - Ruichips Semiconductor Co., Ltd RU1HP60R Datasheet HTML 8Page - Ruichips Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RU1HP60R
P-Channel Advanced Power MOSFET
Symbol
Rating
Unit
VDSS
-100
VGSS
±25
TJ
175
°C
TSTG
-55 to 175
°C
IS
TC=25°C
-60
A
IDP
TC=25°C
-240
A
TC=25°C
-60
TC=100°C
-42
TC=25°C
188
TC=100°C
94
RθJC
0.8
°C/W
RθJA
62.5
°C/W
EAS
400
mJ
Ruichips Semiconductor Co., Ltd
Rev. A– APR., 2013
1
www.ruichips.com
Maximum Junction Temperature
Storage Temperature Range
Thermal Resistance-Junction to Case
Drain-Source Avalanche Ratings
Avalanche Energy, Single Pulsed
Diode Continuous Forward Current
300μs Pulse Drain Current Tested
Continuous Drain Current(VGS=-10V)
Maximum Power Dissipation
Mounted on Large Heat Sink
ID
A
PD
W
Thermal Resistance-Junction to Ambient
Parameter
Common Ratings
(TC=25°C Unless Otherwise Noted)
• -100V/-60A,
RDS (ON) =18mΩ(Typ.)@VGS=-10V
• Low On-Resistance
• Super High Dense Cell Design
• Fast Switching and Fully Avalanche Rated
• 100% avalanche tested
• 175°C Operating Temperature
• Lead Free and Green Devices Available (RoHS Compliant)
•Inverters
Drain-Source Voltage
V
Gate-Source Voltage
Pin Description
Features
Applications
Absolute Maximum Ratings
TO220
P-Channel MOSFET
G
D
S
D
S
G


Similar Part No. - RU1HP60R

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU1HP60Q RUICHIPS-RU1HP60Q Datasheet
688Kb / 8P
   P-Channel Advanced Power MOSFET
RU1HP60S RUICHIPS-RU1HP60S Datasheet
382Kb / 8P
   P-Channel Advanced Power MOSFET
RU1HP60S-R RUICHIPS-RU1HP60S-R Datasheet
382Kb / 8P
   P-Channel Advanced Power MOSFET
More results

Similar Description - RU1HP60R

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU55L18L RUICHIPS-RU55L18L Datasheet
299Kb / 9P
   P-Channel Advanced Power MOSFET
RU20P4C RUICHIPS-RU20P4C Datasheet
262Kb / 9P
   P-Channel Advanced Power MOSFET
RU30P5H RUICHIPS-RU30P5H Datasheet
294Kb / 9P
   P-Channel Advanced Power MOSFET
RU1HL13L RUICHIPS-RU1HL13L Datasheet
298Kb / 9P
   P-Channel Advanced Power MOSFET
RU1HP40Q RUICHIPS-RU1HP40Q Datasheet
295Kb / 9P
   P-Channel Advanced Power MOSFET
RU30P5D RUICHIPS-RU30P5D Datasheet
276Kb / 9P
   P-Channel Advanced Power MOSFET
RU4953BH RUICHIPS-RU4953BH Datasheet
394Kb / 8P
   P-Channel Advanced Power MOSFET
RU16P4M4 RUICHIPS-RU16P4M4 Datasheet
355Kb / 8P
   P-Channel Advanced Power MOSFET
RU20P7C RUICHIPS-RU20P7C Datasheet
388Kb / 8P
   P-Channel Advanced Power MOSFET
RU20P17M2 RUICHIPS-RU20P17M2 Datasheet
386Kb / 8P
   P-Channel Advanced Power MOSFET
RU30L15H RUICHIPS-RU30L15H Datasheet
300Kb / 9P
   P-Channel Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com