Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LT1109A Datasheet(PDF) 5 Page - Linear Technology

Part No. LT1109A
Description  Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LT1109A Datasheet(HTML) 5 Page - Linear Technology

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LT1109A
The LT1109A is a micropower step-up DC/DC converter.
It uses Burst Mode
TM operation to achieve micropower
operation yet still deliver more than 2W of output power
from a 5V supply. Circuit operation can be best under-
stood by referring to the LT1109A block diagram. With
SHUTDOWN high, comparator A1 compares the feedback
(FB) pin voltage with the 1.25V reference signal. When FB
drops below 1.25V, A1 switches on the 120kHz oscillator.
The driver amplifier boosts the signal level to drive the
output NPN power switch. When the FB voltage is sufficient
to trip A1, the oscillator is turned off. A low signal on the
shutdown pin gates off the oscillator, overriding A1. With
SHUTDOWN low, quiescent current remains at 360
µA.
Burst Mode
TM is a trademark of Linear Technology Corporation
OPERATIO
S
APPLICATI
I FOR ATIO
Inductor Selection
A DC/DC converter operates by storing energy as mag-
netic flux in an inductor core, and then switching this
energy into the load. To operate as an efficient energy
transfer element, the inductor must fulfill three require-
ments: inductance value, saturation current and DC resis-
tance. A fourth requirement is physical size. The inductors
recommended with the LT1109A circuits are small, sur-
face-mountable and are designed for switch-mode appli-
cations. Avoid using RF chokes or air core units since they
have very low peak current ratings. The LT1109A works
best in situations where the input voltage does not vary
much since the device has no internal switch current limit
function. For situations where the input voltage varies,
such as battery inputs, the LT1107 or LT1111 is suggested
instead.
Capacitor Selection
The output capacitor should be chosen on the basis of its
equivalent series resistance (ESR) and capacitance value.
Low ESR tantalum surface-mountable capacitors such as
those made by AVX are well-suited for DC/DC converter
applications. Inexpensive aluminum electrolytics may have
excessive ESR, resulting in high output ripple. These
should be avoided.
Diode Selection
Speed, forward drop, and leakage current are the three
main considerations in selecting a diode for LT1109A
converters. General purpose rectifiers such as the 1N4001
are
unsuitable for use in any switching regulator applica-
tion. Although they are rated at 1A, the switching time of
a 1N4001 is in the 10
µs to 50µs range. At best, efficiency
will be severely compromised if this diode is used; at
worst, the circuit may not work at all. The 1N5818 is an
ideal choice for LT1109A circuits. Surface-mountable
versions, such as the MBRS130T3, are available as well.
Table 1. Inductor Manufacturers
MANUFACTURER
PART NUMBERS
Coiltronics International
Surface Mount
984 S.W. 13th Court
OCTA-PAC
TM Series
Pompano Beach, FL 33069
305-781-8900
Sumida Electric Co., Ltd.
CD54
637 E. Golf Road, Suite 209
CD105
Arlington Heights, IL 60005
Surface Mount
708-956-0666
Table 2. Capacitor Manufacturers
MANUFACTURER
PART NUMBERS
AVX
TPS Series
Myrtle Beach, SC 29578
803-946-0690
Philips Components
49MC Series
2001 W. Blue Heron Blvd.
P.O. Box 10330
Riviera Beach, FL 33404
407-881-3200
Sanyo Video Components
OS-CON Series
1201 Sanyo Avenue
San Diego, CA 92073
619-661-6322
OCTA-PAC
TM is a trademark of Coiltronics International


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn