Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1074IT Datasheet(PDF) 9 Page - Linear Technology

Part # LT1074IT
Description  Step-Down Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1074IT Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1074IT Datasheet HTML 5Page - Linear Technology LT1074IT Datasheet HTML 6Page - Linear Technology LT1074IT Datasheet HTML 7Page - Linear Technology LT1074IT Datasheet HTML 8Page - Linear Technology LT1074IT Datasheet HTML 9Page - Linear Technology LT1074IT Datasheet HTML 10Page - Linear Technology LT1074IT Datasheet HTML 11Page - Linear Technology LT1074IT Datasheet HTML 12Page - Linear Technology LT1074IT Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT1074/LT1076
9
Figure 3. Frequency Shifting
Figure 4. Shutdown Pin Characteristics
current is well controlled even when switch duty cycle
must be extremely low. Theoretical switch “on” time for a
buck converter in continuous mode is:
t
VV
Vf
ON
OUT
D
IN
=
+
VD = Catch diode forward voltage ( ≈ 0.5V)
f = Switching frequency
At f = 100kHz, tON must drop to 0.2µs when VIN = 25V
and the output is shorted (VOUT = 0V). In current limit,
the LT1074 can reduce tON to a minimum value of
≈0.6µs, much too long to control current correctly for
VOUT = 0. To correct this problem, switching frequency
is lowered from 100kHz to 20kHz as the FB pin drops
from 1.3V to 0.5V. This is accomplished by the circuitry
shown in Figure 3.
Q1 is off when the output is regulating (VFB = 2.21V). As
the output is pulled down by an overload, VFB will eventu-
ally reach 1.3V, turning on Q1. As the output continues to
drop, Q1 current increases proportionately and lowers the
frequency of the oscillator. Frequency shifting starts when
the output is
≈ 60% of normal value, and is down to its
minimum value of
≅20kHz when the output is ≅ 20% of
normal value. The rate at which frequency is shifted is
determined by both the internal 3k resistor R3 and the
external divider resistors. For this reason, R2 should not
be increased to more than 4k
Ω, if the LT1074 will be
subjected to the simultaneous conditions of high input
voltage and output short-circuit.
DESCRIPTIO S
PI
SHUTDOWN PIN
The shutdown pin is used for undervoltage lockout, micro-
power shutdown, soft-start, delayed start, or as a general
purpose on/off control of the regulator output. It controls
switching action by pulling the ILIM pin low, which forces
the switch to a continuous “off” state. Full micropower
shutdown is initiated when the shutdown pin drops below
0.3V.
The V/I characteristics of the shutdown pin are shown in
Figure 4. For voltages between 2.5V and
≈VIN, a current of
10
µA flows out of the shutdown pin. This current in-
creases to
≈25µA as the shutdown pin moves through the
2.35V threshold. The current increases further to
≈30µAat
the 0.3V threshold, then drops to
≈15µA as the shutdown
voltage fall below 0.3V. The 10
µA current source is in-
cluded to pull the shutdown pin to its high or default state
when left open. It also provides a convenient pull-up for
delayed start applications with a capacitor on the shut-
down pin.
When activated, the typical collector current of Q1 in
Figure 5, is
≈2mA. A soft-start capacitor on the ILIM pinwill
delay regulator shutdown in response to C1, by
≈(5V)(CLIM)/2mA. Soft-start after full micropower shut-
down is ensured by coupling C2 to Q1.
+
2.21V
+2V
ERROR
AMPLIFIER
VC
FB
R2
2.21k
R1
VOUT
EXTERNAL
DIVIDER
R3
3k
Q1
TO
OSCILLATOR
LT1074•PD03
VOLTAGE (V)
0
–40
1.0
2.0
LT1074•PC05
1.5
2.5
3.0
3.5
4.0
–35
–30
–25
–20
–15
–10
–5
0
SHUTDOWN
THRESHOLD
CURRENT FLOWS OUT
OF SHUTDOWN PIN
= 25
°C
Tj
0.5


Similar Part No. - LT1074IT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1074I LINER-LT1074I Datasheet
190Kb / 16P
   Step-Down Switching Regulator
More results

Similar Description - LT1074IT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
   Step-down Switching Regulator
LV5858M SANYO-LV5858M Datasheet
250Kb / 9P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com