Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1074HVCT Datasheet(PDF) 10 Page - Linear Technology

Part # LT1074HVCT
Description  Step-Down Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1074HVCT Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1074HVCT Datasheet HTML 6Page - Linear Technology LT1074HVCT Datasheet HTML 7Page - Linear Technology LT1074HVCT Datasheet HTML 8Page - Linear Technology LT1074HVCT Datasheet HTML 9Page - Linear Technology LT1074HVCT Datasheet HTML 10Page - Linear Technology LT1074HVCT Datasheet HTML 11Page - Linear Technology LT1074HVCT Datasheet HTML 12Page - Linear Technology LT1074HVCT Datasheet HTML 13Page - Linear Technology LT1074HVCT Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT1074/LT1076
10
Figure 5. Shutdown Circuitry
Figure 6. Undervoltage Lockout
Figure 7. Adding Hysteresis
DESCRIPTIO S
PI
Undervoltage Lockout
Undervoltage lockout point is set by R1 and R2 in Figure 6.
To avoid errors due to the 10
µA shutdown pin current, R2
is usually set at 5k, and R1 is found from:
RR
VV
V
TP
SH
SH
12
=
()
VTP = Desired undervoltage lockout voltage
VSH = Threshold for lockout on the
shutdown pin = 2.45V
If quiescent supply current is critical, R2 may be increased
up to 15k
Ω, but the denominator in the formula for R2
should replace VSH with VSH – (10µA)(R2).
+
C1
10 A
µ
300 A
µ
+
SHUTDOWN
PIN
C2
VIN
I
PIN
6V
Q1
TO TOTAL
REGULATOR
SHUTDOWN
2.3V
0.3V
LT1074•PD07
LIM
EXTERNAL
CLIM
Hysteresis in undervoltage lockout may be accomplished
by connecting a resistor (R3) from the ILIM pin to the
shutdown pin as shown in Figure 7. D1 prevents the
shutdown divider from altering current limit.
LT1074•PD08
R1
R2
5k
V
SHUT
GND
IN
LT1074
LT1074•PD09
R1
R2
R3
V
SHUT
ILIM
IN
LT1074
OPTIONAL CURRENT
LIMIT RESISTOR
D1*
*1N4148
Trip Po
V
V
R
R
TP
int
.
==
+


235
1
1
2
If R3 is added, the lower trip point (VIN descending) will be
the same. The upper trip point (VUTP) will be:
VV
R
R
R
R
V
R
R
UTP
SH
=+




1
1
2
1
3
08
1
3
.
If R1 and R2 are chosen, R3 is given by:
R
VV R
VV
R
R
SH
UTP
SH
3
08
1
1
1
2
=
()( )
−+


.
Example: An undervoltage lockout is required such that
the output will not start until VIN = 20V, but will continue
to operate until VIN drops to 15V. Let R2 = 2.32k.
Rk
VV
V
k
Rk
12 34
15
2 35
235
12 5
3
235 0 8 125
20 2 35 1
12 5
232
39
=
()
()
=
=
()( )
−+


=
.
.
.
.
..
.
.
.
.
.


Similar Part No. - LT1074HVCT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1074 LINER-LT1074 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
LT1074 LINER-LT1074 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
LT1074I LINER-LT1074I Datasheet
190Kb / 16P
   Step-Down Switching Regulator
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
More results

Similar Description - LT1074HVCT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
   Step-down Switching Regulator
LV5858M SANYO-LV5858M Datasheet
250Kb / 9P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com