Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR156G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # FR156G
Description  1.5A, 50V - 1000V Glass Passivated Fast Recovery Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

FR156G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  FR156G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd FR156G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd FR156G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd FR156G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Glass passivated chip junction
- High current capability, Low VF
- High reliability
- High surge current capability
- Low power loss, high efficiency
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Pure tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
trr
250
ns
CJ
pF
RθJA
°C/W
TJ
°C
TSTG
°C
Note 1: Pulse Test with PW=300μs, 1% Duty Cycle
Document Number: DS_D0000068
Version: G15
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Maximum reverse recovery time (Note 2)
150
500
Typical junction capacitance (Note 3)
20
Typical thermal resistance
60
A
Maximum instantaneous forward voltage (Note 1)
@ 1.5 A
VF
1.3
V
Maximum reverse current @ rated VR TJ=25 °C
TJ=125 °C
IR
5
μA
100
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
1.5
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
50
FR
154G
FR
155G
FR
156G
FR
157G
UNIT
Maximum repetitive peak reverse voltage
MECHANICAL DATA
Case:
DO-204AC (DO-15)
DO-204AC (DO-15)
Weight:
0.4 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
FR
151G
FR
152G
FR
153G
FR151G - FR157G
Taiwan Semiconductor
1.5A, 50V - 1000V Glass Passivated Fast Recovery Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC


Similar Part No. - FR156G

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
FR156G SHUNYE-FR156G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Rectron Semiconductor
FR156G RECTRON-FR156G Datasheet
240Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
DAESAN ELECTRONIC CORP.
FR156G DAESAN-FR156G Datasheet
315Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
logo
List of Unclassifed Man...
FR156G ETC2-FR156G Datasheet
117Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Formosa MS
FR156G FORMOSA-FR156G Datasheet
106Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
More results

Similar Description - FR156G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
FR151G-T TSC-FR151G-T Datasheet
410Kb / 6P
   1.5A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
logo
Taiwan Memory Technolog...
FR101G TMT-FR101G_16 Datasheet
351Kb / 4P
   1A, 50V - 1000V Glass Passivated Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
HER151G TSC-HER151G_15 Datasheet
356Kb / 4P
   1.5A, 50V - 1000V Glass Passivated High Efficient Rectifiers
F1T1G-K TSC-F1T1G-K Datasheet
409Kb / 6P
   1A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
FR201G-T TSC-FR201G-T Datasheet
410Kb / 6P
   2A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
FR301G-K TSC-FR301G-K Datasheet
412Kb / 6P
   3A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
logo
Taiwan Memory Technolog...
1T1G TMT-1T1G_16 Datasheet
173Kb / 4P
   1A, 50V - 1000V Glass Passivated Rectifiers
GP1001 TMT-GP1001_16 Datasheet
202Kb / 4P
   10A, 50V - 1000V Glass Passivated Rectifiers
1N4001G TMT-1N4001G_16 Datasheet
172Kb / 4P
   1A, 50V - 1000V Glass Passivated Rectifiers
GP1601 TMT-GP1601_16 Datasheet
210Kb / 4P
   16A, 50V - 1000V Glass Passivated Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com