Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR156G Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # FR156G
Description  1.5A, 50V - 1000V Glass Passivated Fast Recovery Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

FR156G Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  FR156G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd FR156G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd FR156G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd FR156G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CREAT BY ART
Min
Max
Min
Max
A
2.60
3.60
0.102
0.142
B
0.70
0.90
0.028
0.035
C
25.40
-
1.000
-
D
5.80
7.60
0.228
0.299
E
25.40
-
1.000
-
P/N =
Specific Device Code
G =
Green Compound
YWW = Date Code
F =
Factory Code
Document Number: DS_D0000068
Version: G15
PACKAGE OUTLINE DIMENSIONS
DO-204AC (DO-15)
DIM.
Unit (mm)
Unit (inch)
MARKING DIAGRAM
FR151G - FR157G
Taiwan Semiconductor
1
10
100
1
10
100
REVERSE VOLTAGE (V)
FIG. 5- TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p


Similar Part No. - FR156G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR156G RECTRON-FR156G Datasheet
240Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
Shanghai Shunye Electro...
FR156G SHUNYE-FR156G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
FR156G DAESAN-FR156G Datasheet
315Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
logo
List of Unclassifed Man...
FR156G ETC2-FR156G Datasheet
117Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Jinan Gude Electronic D...
FR156G JGD-FR156G Datasheet
138Kb / 2P
   1.5 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results

Similar Description - FR156G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
FR151G-T TSC-FR151G-T Datasheet
410Kb / 6P
   1.5A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
logo
Taiwan Memory Technolog...
FR101G TMT-FR101G_16 Datasheet
351Kb / 4P
   1A, 50V - 1000V Glass Passivated Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
HER151G TSC-HER151G_15 Datasheet
356Kb / 4P
   1.5A, 50V - 1000V Glass Passivated High Efficient Rectifiers
F1T1G-K TSC-F1T1G-K Datasheet
409Kb / 6P
   1A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
FR201G-T TSC-FR201G-T Datasheet
410Kb / 6P
   2A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
FR301G-K TSC-FR301G-K Datasheet
412Kb / 6P
   3A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
logo
Taiwan Memory Technolog...
1T1G TMT-1T1G_16 Datasheet
173Kb / 4P
   1A, 50V - 1000V Glass Passivated Rectifiers
GP1001 TMT-GP1001_16 Datasheet
202Kb / 4P
   10A, 50V - 1000V Glass Passivated Rectifiers
1N4001G TMT-1N4001G_16 Datasheet
172Kb / 4P
   1A, 50V - 1000V Glass Passivated Rectifiers
GP1601 TMT-GP1601_16 Datasheet
210Kb / 4P
   16A, 50V - 1000V Glass Passivated Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com