Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1108 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1108
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1108 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1108 Datasheet HTML 4Page - Linear Technology LT1108 Datasheet HTML 5Page - Linear Technology LT1108 Datasheet HTML 6Page - Linear Technology LT1108 Datasheet HTML 7Page - Linear Technology LT1108 Datasheet HTML 8Page - Linear Technology LT1108 Datasheet HTML 9Page - Linear Technology LT1108 Datasheet HTML 10Page - Linear Technology LT1108 Datasheet HTML 11Page - Linear Technology LT1108 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1108
S
APPLICATI
I FOR ATIO
Figure 8 details current limit circuitry. Sense transistor Q1,
whose base and emitter are paralleled with power switch
Q2, is ratioed such that approximately 0.5% of Q2’s
collector current flows in Q1’s collector. This current
passed through internal 80
Ω resistor R1 and out through
the ILIM pin. The value of the external resistor connected
between ILIM and VIN sets the current limit. When sufficient
switch current flows to develop a VBE across R1 + RLIM, Q3
turns on and injects current into the oscillator, turning off
the switch. Delay through this circuitry is approximately
2
µs. The current trip point becomes less accurate for
switch-ON times less than 5
µs. Resistor values program-
ming switch-ON time for 2
µs or less will cause spurious
response in the switch circuitry although the device will
still maintain output regulation.
Figure 9. Setting Low Battery Detector Trip Point
LT1108 • F09
R1
R2
1.245V
REF
SET
GND
IN
V
LT1108
47k
5V
TO
PROCESSOR
R1 =
VLB – 1.25V
35.1
µA
VLB
+
AO
R3
= BATTERY TRIP POINT
R2 = 33k
R3 = 1.6M
VBAT
Table 1. Inductor Manufacturers
MANUFACTURER
PART NUMBERS
Coiltronics International
OCTA-PAC
TM
984 S.W. 13th Court
Series
Pompano Beach, FL 33069
305-781-8900
Sumida Electric Co. USA
CD54
708-956-0666
CDR74
CDR105
Table 2. Capacitor Manufacturers
MANUFACTURER
PART NUMBERS
Sanyo Video Components
OS-CON Series
1201 Sanyo Avenue
San Diego, CA 92073
619-661-6322
Nichicon America Corporation
PL Series
927 East State Parkway
Schaumberg, IL 60173
708-843-7500
AVX Corporation
TPS Series
Myrtle Beach, SC
803-946-0690
Table 3. Transistor Manufacturers
MANUFACTURER
PART NUMBERS
Zetex Inc.
ZTX 749 (NPN)
87 Modular Avenue
ZTX 849 (NPN)
Commack, NY 11725
ZTX 949 (PNP)
516-543-7100
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
USING THE GAIN BLOCK
The gain block (GB) on the LT1108 can be used as an error
amplifier, low battery detector or linear post regulator. The
gain block itself is a very simple PNP input op amp with an
open collector NPN output. The negative input of the gain
block is tied internally to the 1.245V reference. The positive
input comes out on the SET pin.
Arrangement of the gain block as a low battery detector
is straightforward. Figure 9 shows hookup. R1 and R2
need only be low enough in value so that the bias current
of the SET input does not cause large errors. 33k for R2
is adequate. R3 can be added to introduce a small amount
of hysteresis. This will cause the gain block to “snap”
when the trip point is reached. Values in the 1M to 10M
range are optimal. The addition however, of R3 will
change the trip point.
Figure 8. LT1108 Current Limit Circuitry
LT1108 • F08
SW2
SW1
DRIVER
OSCILLATOR
VIN
ILIM
R1
80
(INTERNAL)
RLIM
(EXTERNAL)
Q1
Q2
Q3


Similar Part No. - LT1108

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1108 LINER-LT1108 Datasheet
241Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108_15 Datasheet
241Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results

Similar Description - LT1108

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1111 LINER-LT1111 Datasheet
337Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_03 Datasheet
237Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073_15 Datasheet
264Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107_15 Datasheet
217Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173_15 Datasheet
267Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_15 Datasheet
247Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1110 LINER-LT1110 Datasheet
310Kb / 16P
   Micropower DC-DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173 Datasheet
322Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108_15 Datasheet
241Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com