Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LT1108 Datasheet(PDF) 1 Page - Linear Technology

Part No. LT1108
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LT1108 Datasheet(HTML) 1 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1108
Micropower
DC/DC Converter
Adjustable and Fixed 5V, 12V
DESCRIPTIO
S
FEATURE
The LT1108 is a versatile micropower DC/DC converter.
The device requires only four external components to
deliver a fixed output of 5V or 12V. Supply voltage ranges
from 2V to 12V in step-up mode and to 30V in step-down
mode. The LT1108 functions equally well in step-up, step-
down, or inverting applications.
The LT1108 is pin-for-pin compatible with the LT1173, but
has a duty cycle of 70%, resulting in increased output
current in many applications. The LT1108 can deliver
150mA at 5V from a 2 AA cell input and 5V at 300mA from
9V in step-down mode. Quiescent current is just 110
µA,
making the LT1108 ideal for power conscious battery-
operated systems.
Switch current limit can be programmed with a single
resistor. An auxiliary gain block can be configured as a low
battery detector, linear post regulator, undervoltage lock-
out circuit, or error amplifier.
s
Operates at Supply Voltages from 2V to 30V
s
Consumes Only 110
µA Supply Current
s
Works in Step-Up or Step-Down Mode
s
Only Four External Components Required
s
Low Battery Detector Comparator On-Chip
s
User Adjustable Current Limit
s
Internal 1A Power Switch
s
Fixed or Adjustable Output Voltage Versions
s
Space Saving 8-Pin MiniDIP or S8 Package
S
APPLICATI
s
Palmtop Computers
s
3V to 5V, 5V to 12V Converters
s
9V to 5V, 12V to 5V Converters
s
LCD Bias Generators
s
Peripherals and Add-On Cards
s
Battery Backup Supplies
s
Cellular Telephones
s
Portable Instruments
APPLICATI
TYPICAL
LOAD CURRENT (mA)
1
78
80
82
84
10
100
LT1108 • TA02
76
74
72
70
VIN = 3V
VIN = 2.5V
VIN = 2V
AVX
TPS
330
µF
6.3V
L1*
100
µH
LT1108 • TA01
1N5817
5V
150mA
GND
SW2
SW1
ILIM
VIN
LT1108-5
SENSE
100
µF
+
*L1 =
+
2
× AA
CELLS
GOWANDA GA20-103K
COILTRONICS CTX100-4
SUMIDA CD105-101K
47
Efficiency
Palmtop Computer Logic Supply


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn