Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1083MK-5 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1083MK-5
Description  3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1083MK-5 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1083MK-5 Datasheet HTML 4Page - Linear Technology LT1083MK-5 Datasheet HTML 5Page - Linear Technology LT1083MK-5 Datasheet HTML 6Page - Linear Technology LT1083MK-5 Datasheet HTML 7Page - Linear Technology LT1083MK-5 Datasheet HTML 8Page - Linear Technology LT1083MK-5 Datasheet HTML 9Page - Linear Technology LT1083MK-5 Datasheet HTML 10Page - Linear Technology LT1083MK-5 Datasheet HTML 11Page - Linear Technology LT1083MK-5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1083/84/85 Fixed
TYPICAL APPLICATIONS
+
+
VIN
50
LT1084-5
LT1083/4/5 TA09
5.2V LINE
5.0V BATTERY
+
LT1084-5
SELECT
FOR
CHARGE
RATE
6.5V
100µF
10µF
10µF
Adjusting Output Voltage
+
+
VIN > 11.5V
5VOUT
LT1085-5
LT1029
LT1083/4/5 TA07
10V
10µF
100µF
Regulator with Reference
+
VIN
VOUT = –12V
LT1083/4/5 TA08
10,000µF
FLOATING INPUT
100µF
+
LT1084-12 OUT
IN
GND
Low Dropout Negative Supply
Battery Backed Up Regulated Supply
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
+
+
+
VIN > 12V
LT1085-5
LT1083/4/5 TA06
5V to 10V
10µF
*OPTIONAL IMPROVES RIPPLE REJECTION
10µF*
1k
100µF


Similar Part No. - LT1083MK-5

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1083MK-5 LINEAR-LT1083MK-5 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Technology
LT1083MK-5 LINER-LT1083MK-5 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1083MK-5 LINER-LT1083MK-5 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1083MK-5 LINER-LT1083MK-5 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results

Similar Description - LT1083MK-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1084 LINER-LT1084_15 Datasheet
291Kb / 22P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085CT-33 LINER-LT1085CT-33 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1084 LINER-LT1084_V01 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Integrated Syste...
LT1083 LINEAR-LT1083_1 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
List of Unclassifed Man...
OM185-5ST ETC-OM185-5ST Datasheet
407Kb / 4P
   7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085 LINER-LT1085_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com