Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1103 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1103
Description  Offline Switching Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1103 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1103 Datasheet HTML 3Page - Linear Technology LT1103 Datasheet HTML 4Page - Linear Technology LT1103 Datasheet HTML 5Page - Linear Technology LT1103 Datasheet HTML 6Page - Linear Technology LT1103 Datasheet HTML 7Page - Linear Technology LT1103 Datasheet HTML 8Page - Linear Technology LT1103 Datasheet HTML 9Page - Linear Technology LT1103 Datasheet HTML 10Page - Linear Technology LT1103 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
LT1103/LT1105
TYPICAL PERFORMANCE CHARACTERISTICS
5V Reference Voltage vs
Temperature
TEMPERATURE (°C)
–75
5.10
5.20
125
LT1103 G16
5.00
4.90
4.80
–25
25
75
175
–50
0
50
100
150
5.15
5.05
4.95
4.85
5V Load Regulation vs
Temperature
TEMPERATURE (°C)
–75
0.03
0.04
0.05
125
LT1103 G18
0.02
0.01
0
–25
25
75
175
150
100
50
0
–50
5V Line Regulation vs
Temperature
15V Gate Bias Dropout Voltage vs
Temperature
15V Gate Bias Reference vs
Temperature
TEMPERATURE (°C)
–75
13.8
14.2
14.6
15.0
15.4
15.8
16.2
–25
25
75
125
LT1103 G20
175
–50
0
50
100
150
5V Reference Short-Circuit
Current vs Temperature
TEMPERATURE (°C)
–75
0.015
0.020
0.025
125
LT1103 G17
0.010
0.005
0
–25
25
75
175
150
100
50
0
–50
TEMPERATURE (°C)
–75
1.5
2.0
2.5
125
LT1103 G21
1.0
0.5
0
–25
25
75
175
150
100
50
0
–50
TEMPERATURE (°C)
–75
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
–25
25
75
125
LT1103 G13
175
–50
0
50
100
150
OVLO = 2V
OVLO Input Bias Current vs
Temperature
Soft-Start Charging Current vs
Temperature
TEMPERATURE (°C)
–75
0
10
20
30
40
50
60
–25
25
75
125
LT1103 G14
175
–50
0
50
100
150
TEMPERATURE (°C)
–75
3
4
5
125
LT1103 G15
2
1
0
–25
25
75
175
150
100
50
0
–50
Soft-Start Reset Current vs
Temperature
TEMPERATURE (
°C)
–75
90
110
125
LT1103 G19
70
50
30
–25
25
75
175
–50
0
50
100
150
100
80
60
40


Similar Part No. - LT1103

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1103 LINER-LT1103_15 Datasheet
381Kb / 32P
   Offline Switching Regulator
More results

Similar Description - LT1103

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1105 LINER-LT1105_15 Datasheet
381Kb / 32P
   Offline Switching Regulator
LT1103 LINER-LT1103_15 Datasheet
381Kb / 32P
   Offline Switching Regulator
logo
Monolithic Power System...
MP110 MPS-MP110 Datasheet
2Mb / 23P
   900V Offline Switching Regulator
HF900 MPS-HF900 Datasheet
790Kb / 25P
   900V Offline Switching Regulator
logo
NTE Electronics
NTE7076 NTE-NTE7076 Datasheet
22Kb / 2P
   Integrated Circuit Module - 100W Offline Switching Regulator
logo
Sanyo Semicon Device
STK7309 SANYO-STK7309 Datasheet
155Kb / 1P
   OFFLINE SWITCHING REGULATOR FOR COLOR TV USE
STK7406 SANYO-STK7406 Datasheet
131Kb / 2P
   Thick Film Hybrid IC Offline Switching Regulator
STK73605I SANYO-STK73605I Datasheet
72Kb / 2P
   OFFLINE SWITCHING
STK7458 SANYO-STK7458 Datasheet
180Kb / 5P
   OFFLINE SWITCHING
logo
Linkage Goston Electron...
DK125 LINKAGE-DK125 Datasheet
2Mb / 13P
   Offline switching power core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com