Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSS3540M Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DSS3540M
Description  40V PNP LOW VCE(sat) TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSS3540M Datasheet(HTML) 3 Page - Diodes Incorporated

  DSS3540M_15 Datasheet HTML 1Page - Diodes Incorporated DSS3540M_15 Datasheet HTML 2Page - Diodes Incorporated DSS3540M_15 Datasheet HTML 3Page - Diodes Incorporated DSS3540M_15 Datasheet HTML 4Page - Diodes Incorporated DSS3540M_15 Datasheet HTML 5Page - Diodes Incorporated DSS3540M_15 Datasheet HTML 6Page - Diodes Incorporated DSS3540M_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DSS3540M
Document number: DS31821 Rev. 5 - 2
3 of 7
www.diodes.com
May 2015
© Diodes Incorporated
DSS3540M
Thermal Characteristics
1,000
1E-06
0.0001
0.01
1
100
10,000
100
10
1
0.1
t1, PULSE DURATION TIME (sec)
Fig. 2 Single Pulse Maximum Power Dissipation
Single Pulse
R
= 310°C/W
JA
R
= r
* R
JA(t)
(t)
JA
T - T = P * R
J
A
JA(t)
0.000001
0.0001
0.01
1
100
10,000
0.001
0.01
0.1
1
t1, PULSE DURATION TIME (sec)
Fig. 1 Transient Thermal Resistance
R
(t) = r(t) * R
JA
JA
R
= 310°C/W
JA
Duty Cycle, D = t1/ t2
D = 0.5
D = 0.7
D = 0.9
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse


Similar Part No. - DSS3540M_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS3540M-7 DIODES-DSS3540M-7 Datasheet
132Kb / 5P
   40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DSS3540M-7B DIODES-DSS3540M-7B Datasheet
132Kb / 5P
   40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
More results

Similar Description - DSS3540M_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS5540X DIODES-DSS5540X_15 Datasheet
132Kb / 5P
   40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DSS3540M DIODES-DSS3540M Datasheet
132Kb / 5P
   40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DSS5540X DIODES-DSS5540X Datasheet
132Kb / 5P
   40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DSS5240Y DIODES-DSS5240Y Datasheet
151Kb / 6P
   40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DSS5240Y DIODES-DSS5240Y_15 Datasheet
151Kb / 6P
   40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DSS2540M DIODES-DSS2540M_15 Datasheet
409Kb / 7P
   40V NPN LOW VCE(sat) TRANSISTOR
logo
Leshan Radio Company
LBSS5240P3T1G LRC-LBSS5240P3T1G Datasheet
1Mb / 5P
   -40V,-2A Low VCE(sat) PNP Silicon
logo
Taiwan Semiconductor Co...
TSB1184 TSC-TSB1184 Datasheet
45Kb / 3P
   Low Vce(sat) PNP Transistor
logo
Pan Jit International I...
PBHV9110DW PANJIT-PBHV9110DW Datasheet
408Kb / 6P
   PNP Low Vce(sat) Transistor
January 18,2019-REV.00
2SB1429 PANJIT-2SB1429 Datasheet
313Kb / 5P
   PNP Low Vce(sat) Transistor
November 4,2016-REV.00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com