Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1082 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1082
Description  1A High Voltage, Efficiency Switching Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1082 Datasheet(HTML) 1 Page - Linear Technology

  LT1082 Datasheet HTML 1Page - Linear Technology LT1082 Datasheet HTML 2Page - Linear Technology LT1082 Datasheet HTML 3Page - Linear Technology LT1082 Datasheet HTML 4Page - Linear Technology LT1082 Datasheet HTML 5Page - Linear Technology LT1082 Datasheet HTML 6Page - Linear Technology LT1082 Datasheet HTML 7Page - Linear Technology LT1082 Datasheet HTML 8Page - Linear Technology LT1082 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1082
1A High Voltage, Efficiency
Switching Voltage Regulator
LT1082C
LT1072HV
VIN
3V to 75V
3V to 60V
VSW
100V
75V
Switch Current Limit
1A
1.25A
Quiescent Current
4.5mA
6mA
Operating Frequency
60kHz
40kHz
Flyback Reference Voltage
16.2 + 0.6 (35k
Ω/RFB) 16 + 0.35 (7kΩ/RFB)
LT1082 and LT1072 Major Specification Differences
USER NOTE: This data sheet is only intended to provide specifications, graphs, and a general
functional description of the LT1082. Application circuits are included to show the capability of the
LT1082. A complete design manual (AN19) and Switcher CAD (LTC Switching Power Supply Design
Program) should be obtained to assist in developing new designs. This manual contains a
comprehensive discussion of both the LT1070 and the external components used with it, as well as
complete formulas for calculating the values of these components. The manual can also be used for
the LT1082 by factoring in the lower switch current rating.
s
Telecom 5V Supply at 0.7A from –48V
s
90V Supply at 120mA from 15V
s
All Applications Using LT1072 (See Below for
Specification Differences)
S
APPLICATI
S
FEATURE
s
Wide Input Voltage Range: 3V to 75V
s
High Switch Voltage: 100V
s
Low Quiescent Current: 4.5mA
s
Internal 1A Switch
s
Shutdown Mode Draws Only 120
µA Supply Current
s
Isolated Flyback Regulation Mode for Fully Floating
Outputs
s
Can Be Externally Synchronized
s
Available in MiniDIP and TO-220 Packages
s
Same Pinout as LT1072
The LT1082 is a monolithic high voltage switching
regulator. It can be operated in all standard switching
configurations including buck, boost, flyback, forward,
and inverting. A 1A high efficiency switch is included on
the die along with all oscillator, control, and protection
circuitry.
The LT1082 operates with supply voltages from 3V to 75V,
switch voltage up to 100V and draws only 4.5mA quies-
cent current. It can deliver load power up to 20W with no
external power devices. By utilizing current-mode switch-
ing techniques, it provides excellent AC and DC load and
line regulation.
An externally activated shutdown mode reduces total
supply current to 120
µA typical for standby operation.
Totally isolated and regulated outputs can be generated by
using the optional “isolated flyback regulation mode” built
into the LT1082, without the need for optocouplers or
extra transformer windings.
The LT1082 has a unique feature to provide high voltage
short-circuit protection. When the FB pin is pulled down to
0.6V and the current out of the pin reaches approximately
350
µA, the switching frequency will shift down from
60kHz to 12kHz.
The LT1082 is nearly identical to the lower voltage LT1072.
For the major differences in specifications, see the table on
the left.
DESCRIPTIO
Negative-to-Positive Telecom 5V Supply
INPUT VOLTAGE (V)
0
–20
–40 –50
–90
1082 TA02
–10
–30
–60 –70 –80
1.0
0.9
0.8
0.7
0.6
0.5
0.4
L=550
µH
L=450
µH
L=350
µH
L=250
µH
L=150
µH
L=100
µH
f = 45kHz
ISW LIMIT = 1.07A
Telecom 5V Supply Maximum Output
Current vs Input Voltage
+
VIN
VSW
GND
FB
VC
LT1082
4.7k
0.22
µF
33
µF
80V
CHEMI-CON
SXE SERIES
–20V
TO –70V
**250
µH
3.83k
+
0.01
µF
1.1k
Q1
2N5401
470
µF
10V
CHEMI-CON
SXE SERIES
VOUT
5V, 0.7A
*D1
MOTOROLA MUR110 (100V, 1A)
69 TURNS OF #28 AWG WIRE ON A
MICROMETALS T60 TYPE 52 CORE.
NOTE: THIS CORE IS LOW COST, BUT
HAS HIGHER CORE LOSS AND IS LARGER
THAN NECESSARY FOR LOWER CURRENT
APPLICATIONS. FOR SMALLER INDUCTORS
OR HIGHER EFFICIENCY, USE A LOW LOSS
CORE SUCH AS MAGNETICS INC. KOOL M
µ
OR MOLYPERMALLOY.
*
**
1082 TA01
NOTE: MAXIMUM OUTPUT
CURRENT IS A FUNCTION
OF INPUT VOLTAGE. SEE
THE GRAPH ON THE RIGHT.


Similar Part No. - LT1082

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1082 LINEAR-LT1082 Datasheet
184Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
logo
Linear Technology
LT1082 LINER-LT1082 Datasheet
191Kb / 16P
   Available in MiniDiP, TO-220, and TO-3 Packages
LT1082 LINER-LT1082 Datasheet
189Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
logo
Linear Integrated Syste...
LT1082CN8 LINEAR-LT1082CN8 Datasheet
184Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
LT1082CQ LINEAR-LT1082CQ Datasheet
184Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
More results

Similar Description - LT1082

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1082 LINEAR-LT1082_1 Datasheet
184Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
logo
Linear Technology
LT1082 LINER-LT1082_15 Datasheet
189Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Sanyo Semicon Device
STK-521 SANYO-STK-521 Datasheet
27Kb / 1P
   1A VOLTAGE REGULATOR
logo
National Semiconductor ...
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2672M-5.0 TI1-LM2672M-5.0 Datasheet
667Kb / 16P
[Old version datasheet]   Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com