Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1407A Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1407A
Description  Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1407A Datasheet(HTML) 2 Page - Linear Technology

  LTC1407A_15 Datasheet HTML 1Page - Linear Technology LTC1407A_15 Datasheet HTML 2Page - Linear Technology LTC1407A_15 Datasheet HTML 3Page - Linear Technology LTC1407A_15 Datasheet HTML 4Page - Linear Technology LTC1407A_15 Datasheet HTML 5Page - Linear Technology LTC1407A_15 Datasheet HTML 6Page - Linear Technology LTC1407A_15 Datasheet HTML 7Page - Linear Technology LTC1407A_15 Datasheet HTML 8Page - Linear Technology LTC1407A_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC1407/LTC1407A
2
1407fb
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD) .................................................4V
Analog Input Voltage (Note 3) ..... –0.3V to (VDD + 0.3V)
Digital Input Voltage .................... –0.3V to (VDD + 0.3V)
Digital Output Voltage ................. –0.3V to (VDD + 0.3V)
Power Dissipation ...............................................100mW
Operation Temperature Range
LTC1407C/LTC1407AC ............................. 0°C to 70°C
LTC1407I/LTC1407AI ...........................– 40°C to 85°C
LTC1407H/LTC1407AH.......................– 40°C to 125°C
Storage Temperature Range...................–65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Notes 1, 2)
CONVERTER CHARACTERISTICS
PARAMETER
CONDITIONS
LTC1407
LTC1407A
LTC1407H
LTC1407AH
UNITS
MIN
TYP MAX MIN TYP MAX MIN
TYP MAX MIN TYP MAX
Resolution (No Missing Codes)
l
12
14
12
14
Bits
Integral Linearity Error
(Notes 5, 17)
l
–2
±0.25
2
–4
±0.5
4
–2
±0.25
2
–4
±0.5
4
LSB
Offset Error
(Notes 4, 17)
l –10
±1
10
–20
±2
20
–20
±1
20
–30
±2
30
LSB
Offset Match from CH0 to CH1
(Note 17)
–5
±0.5
5
–10
±1
10
–5
±0.5
5
–10
±1
10
LSB
Gain Error
(Notes 4, 17)
l –30
±5
30
–60
±10
60
–40
±5
40
–80
±10
80
LSB
Gain Match from CH0 to CH1
(Note 17)
–5
±1
5
–10
±2
10
–5
±1
5
–10
±2
10
LSB
Gain Tempco
Internal Reference (Note 4)
External Reference
±15
±1
±15
±1
±15
±1
±15
±1
ppm/°C
ppm/°C
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. With internal reference, VDD = 3V.
1
2
3
4
5
CH0+
CH0
VREF
CH1+
CH1
10
9
8
7
6
CONV
SCK
SDO
VDD
GND
TOP VIEW
11
MSE PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 40°C/W
EXPOSED PAD (PIN #) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1407CMSE#PBF
LTC1407CMSE#TRPBF
LTBDQ
10-Lead Plastic MSOP
0°C to 70°C
LTC1407IMSE#PBF
LTC1407IMSE#TRPBF
LTBDR
10-Lead Plastic MSOP
–40°C to 85°C
LTC1407HMSE#PBF
LTC1407HMSE#TRPBF
LTBDR
10-Lead Plastic MSOP
–40°C to 125°C
LTC1407ACMSE#PBF
LTC1407ACMSE#TRPBF
LTAFE
10-Lead Plastic MSOP
0°C to 70°C
LTC1407AIMSE#PBF
LTC1407AIMSE#TRPBF
LTAFF
10-Lead Plastic MSOP
–40°C to 85°C
LTC1407AHMSE#PBF
LTC1407AHMSE#TRPBF
LTAFF
10-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PIN CONFIGURATION


Similar Part No. - LTC1407A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1407A-1 LINER-LTC1407A-1 Datasheet
514Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407A-1 LINER-LTC1407A-1 Datasheet
648Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps
LTC1407A-1 LINER-LTC1407A-1 Datasheet
358Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps
LTC1407A-1 LINER-LTC1407A-1 Datasheet
984Kb / 20P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC1407A-1 LINER-LTC1407A-1 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
More results

Similar Description - LTC1407A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1407-1 LINER-LTC1407-1_15 Datasheet
513Kb / 26P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407A-1 LINER-LTC1407A-1_15 Datasheet
513Kb / 26P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407-1 LINER-LTC1407-1 Datasheet
514Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407 LINER-LTC1407 Datasheet
443Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
LTC2355-12 LINER-LTC2355-12_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-14 LINER-LTC2356-14_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC1403A-1 LINER-LTC1403A-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403 LINER-LTC1403_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12 Datasheet
244Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com