Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1404 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1404
Description  Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1404 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1404_15 Datasheet HTML 14Page - Linear Technology LTC1404_15 Datasheet HTML 15Page - Linear Technology LTC1404_15 Datasheet HTML 16Page - Linear Technology LTC1404_15 Datasheet HTML 17Page - Linear Technology LTC1404_15 Datasheet HTML 18Page - Linear Technology LTC1404_15 Datasheet HTML 19Page - Linear Technology LTC1404_15 Datasheet HTML 20Page - Linear Technology LTC1404_15 Datasheet HTML 21Page - Linear Technology LTC1404_15 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
LTC1404
1404fa
TYPICAL APPLICATIONS
VCC
AIN
VREF
VSS
CLK
CONV
DOUT
GND
TCLKX
TCLKR
TFSX
TFSR
TDR
LTC1404
TMS320C50-40MHZ
+
10
µF
0.1
µF
UNIPOLAR
INPUT
7.8MHz
EXTERNAL CLOCK
+
10
µF
0.1
µF
5V
1404 TA04a
1
2
3
84
6
7
5
Hardware Interface to the TMS320C50’s TDM Serial Port (Frame Sync is Generated from TFSX)
Logic Analyzer Waveforms Show 2.05
µs Throughput Rate (Input Voltage = 1.606V, Output Code = 0110 0100 0110 = 160610)
D0
X
X
1404 TA04c
D1
D2
D4
D5
D3
RDY
X
D11 D10 D9
D8
D7
D6
D2
D1
D0
1404 TA04d
D3
D4
D6
D7
D5
0
0
0
RDY D11 D10 D9
D8
NOTE: THE TMS320C50-40MHz HAS A LIMITED SERIAL PORT CLOCK SPEED OF 7.8MHz. TO ALLOW THE LTC1404 TO RUN AT
ITS MAXIMUM SPEED OF 9.6MHz, THE TMS320C50-57 OR TMS320C50-80MHz IS NEEDED
Data from the LTC1404 Loaded into the TMS320C50’s TRCV Register
Data Stored in the TMS320C50’s Memory (in Right Justified Format)
1404T A04B


Similar Part No. - LTC1404_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1404C LINER-LTC1404C Datasheet
455Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1404CS8 LINER-LTC1404CS8 Datasheet
455Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1404I LINER-LTC1404I Datasheet
455Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1404IS8 LINER-LTC1404IS8 Datasheet
455Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
More results

Similar Description - LTC1404_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1404 LINER-LTC1404 Datasheet
455Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1400 LINER-LTC1400_15 Datasheet
371Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1400 LINER-LTC1400_1 Datasheet
2Mb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1400 LINER-LTC1400 Datasheet
515Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1401 LINER-LTC1401 Datasheet
352Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
LTC1401 LINER-LTC1401_15 Datasheet
253Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
LTC1408-12 LINER-LTC1408-12 Datasheet
275Kb / 20P
   6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1408-12 LINER-LTC1408-12_15 Datasheet
281Kb / 20P
   6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1408 LINER-LTC1408 Datasheet
496Kb / 20P
   Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1279 LINER-LTC1279 Datasheet
327Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com