Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1403A Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1403A
Description  Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1403A Datasheet(HTML) 3 Page - Linear Technology

  LTC1403A_15 Datasheet HTML 1Page - Linear Technology LTC1403A_15 Datasheet HTML 2Page - Linear Technology LTC1403A_15 Datasheet HTML 3Page - Linear Technology LTC1403A_15 Datasheet HTML 4Page - Linear Technology LTC1403A_15 Datasheet HTML 5Page - Linear Technology LTC1403A_15 Datasheet HTML 6Page - Linear Technology LTC1403A_15 Datasheet HTML 7Page - Linear Technology LTC1403A_15 Datasheet HTML 8Page - Linear Technology LTC1403A_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC1403/LTC1403A
3
1403fb
The denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. VDD = 3V
DYNAMIC ACCURACY
SYMBOL
PARAMETER
CONDITIONS
LTC1403/LTC1403H
LTC1403A/LTC1403AH
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
SINAD
Signal-to-Noise Plus
Distortion Ratio
100kHz Input Signal
1.4MHz Input Signal
1.4MHz Input Signal (H Grade)
100kHz Input Signal, External VREF = 3.3V,
VDD ≥ 3.3V
750kHz Input Signal, External VREF = 3.3V,
VDD ≥ 3.3V
68
67
70.5
70.5
70.5
72
72
70
69
73.5
73.5
73.0
76.3
76.3
dB
dB
dB
dB
dB
THD
Total Harmonic
Distortion
100kHz First 5 Harmonics
1.4MHz First 5 Harmonics
–87
–83
–76
–90
–86
–78
dB
dB
SFDR
Spurious Free
Dynamic Range
100kHz Input Signal
1.4MHz Input Signal
–87
–83
–90
–86
dB
dB
IMD
Intermodulation
Distortion
1.25V to 2.5V 1.25MHz into AIN+, 0V to 1.25V,
1.2MHz into AIN–
–82
–82
dB
Code-to-Code
Transition Noise
VREF = 2.5V (Note 18)
0.25
1
LSBRMS
Full Power Bandwidth
VIN = 2.5VP-P, SDO = 11585LSBP-P (Note 15)
50
50
MHz
Full Linear Bandwidth
S/(N + D) ≥ 68dB
5
5
MHz
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD = 3.3V
2.4
V
VIL
Low Level Input Voltage
VDD = 2.7V
0.6
V
IIN
Digital Input Current
VIN = 0V to VDD
±10
μA
CIN
Digital Input Capacitance
5pF
VOH
High Level Output Voltage
VDD = 3V, IOUT = –200μA
2.5
2.9
V
VOL
Low Level Output Voltage
VDD = 2.7V, IOUT = 160μA
VDD = 2.7V, IOUT = 1.6mA
0.05
0.10
0.4
V
V
IOZ
Hi-Z Output Leakage DOUT
VOUT = 0V to VDD
±10
μA
COZ
Hi-Z Output Capacitance DOUT
1pF
ISOURCE
Output Short-Circuit Source Current
VOUT = 0V, VDD = 3V
20
mA
ISINK
Output Short-Circuit Sink Current
VOUT = VDD = 3V
15
mA
The denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. VDD = 3V
DIGITAL INPUTS AND DIGITAL OUTPUTS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF Output Voltage
IOUT = 0
2.5
V
VREF Output Tempco
15
ppm//°C
VREF Line Regulation
VDD = 2.7V to 3.6V, VREF = 2.5V
600
μV/V
VREF Output Resistance
Load Current = 0.5mA
0.2
Ω
VREF Settling Time
2ms
The denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. VDD = 3V
INTERNAL REFERENCE CHHARACTERISTICS


Similar Part No. - LTC1403A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1403A-1 LINER-LTC1403A-1 Datasheet
358Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps
LTC1403A-1 LINER-LTC1403A-1 Datasheet
984Kb / 20P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC1403A-1 LINER-LTC1403A-1 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC1403A-1 LINER-LTC1403A-1 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC1403A-1 LINER-LTC1403A-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
More results

Similar Description - LTC1403A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1403A-1 LINER-LTC1403A-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403 LINER-LTC1403_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403-1 LINER-LTC1403-1 Datasheet
416Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403 LINER-LTC1403 Datasheet
323Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403-1 LINER-LTC1403-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-14 LINER-LTC2356-14_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12 Datasheet
244Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12_09 Datasheet
280Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com