Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCX54_55_56 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # BCX54_55_56
Description  NPN MEDIUM POWER TRANSISTORS IN SOT89
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCX54_55_56 Datasheet(HTML) 4 Page - Diodes Incorporated

  BCX54_55_56_15 Datasheet HTML 1Page - Diodes Incorporated BCX54_55_56_15 Datasheet HTML 2Page - Diodes Incorporated BCX54_55_56_15 Datasheet HTML 3Page - Diodes Incorporated BCX54_55_56_15 Datasheet HTML 4Page - Diodes Incorporated BCX54_55_56_15 Datasheet HTML 5Page - Diodes Incorporated BCX54_55_56_15 Datasheet HTML 6Page - Diodes Incorporated BCX54_55_56_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BCX54 / 55 / 56
Datasheet Number: DS35369 Rev. 6 – 2
4 of 7
www.diodes.com
March 2014
© Diodes Incorporated
BCX54 /55 /56
Electrical Characteristics (@ T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base
Breakdown Voltage
BCX54
BVCBO
45
V
IC = 100µA
BCX55
60
BCX56
100
Collector-Emitter
Breakdown Voltage (Note 10)
BCX54
BVCEO
45
V
IC = 10mA
BCX55
60
BCX56
80
Emitter-Base Breakdown Voltage
BVEBO
6
V
IE = 100µA
Collector Cut-off Current
ICBO
0.1
20
µA
VCB = 30V
VCB = 30V, TA = +150°C
Emitter Cut-off Current
IEBO
20
nA
VEB = 5V
Static Forward Current Transfer
Ratio (Note 10)
All versions
hFE
25
40
25
250
IC = 5mA, VCE = 2V
IC = 150mA, VCE = 2V
IC = 500mA, VCE = 2V
10 gain grp
63
160
IC = 150mA, VCE = 2V
16 gain grp
100
250
IC = 150mA, VCE = 2V
Collector-Emitter Saturation Voltage (Note 10)
VCE(sat)
0.5
V
IC = 500mA, IB = 50mA
Base-Emitter Turn-On Voltage (Note 10)
VBE(on)
1.0
V
IC = 500mA, VCE = 2V
Transition Frequency
fT
150
MHz
IC = 50mA, VCE = 10V
f = 100MHz
Output Capacitance
Cobo
25
pF
VCB = 10V, f = 1MHz
Note:
10. Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%.
0
0.2
0.4
0.6
0.8
0
1
23
45
V , COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 1 Typical Collector Current
vs. Collector-Emitter Voltage
Fig. 2 Typical DC Current Gain vs. Collector Current
0
50
100
150
200
250
0.001
0.01
0.1
110
I , COLLECTOR CURRENT (A)
C


Similar Part No. - BCX54_55_56_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX54-10 PHILIPS-BCX54-10 Datasheet
42Kb / 8P
   NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Galaxy Semi-Conductor H...
BCX54-10 BILIN-BCX54-10 Datasheet
191Kb / 5P
   NPN Silicon AF Transistors
logo
Siemens Semiconductor G...
BCX54-10 SIEMENS-BCX54-10 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Micro Commercial Compon...
BCX54-10 MCC-BCX54-10 Datasheet
484Kb / 2P
   NPN Plastic-Encapsulate Transistors
logo
Infineon Technologies A...
BCX54-10 INFINEON-BCX54-10 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Jul-10-2001
More results

Similar Description - BCX54_55_56_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BCX5616Q DIODES-BCX5616Q Datasheet
426Kb / 7P
   80V NPN MEDIUM POWER TRANSISTORS IN SOT89
November 2020
BCX5616Q DIODES-BCX5616Q_15 Datasheet
505Kb / 7P
   80V NPN MEDIUM POWER TRANSISTORS IN SOT89
BCX56-16TA DIODES-BCX56-16TA Datasheet
231Kb / 6P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
BCX54 DIODES-BCX54 Datasheet
146Kb / 7P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
BCX51_52_53 DIODES-BCX51_52_53_15 Datasheet
374Kb / 7P
   PNP MEDIUM POWER TRANSISTORS IN SOT89
logo
Zetex Semiconductors
BCX54 ZETEX-BCX54 Datasheet
17Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
BSR41 ZETEX-BSR41 Datasheet
16Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
List of Unclassifed Man...
BSR43TA ETC2-BSR43TA Datasheet
27Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
BSR40 DIODES-BSR40 Datasheet
27Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
FEBRUARY 1996
logo
Zetex Semiconductors
BSR40 ZETEX-BSR40 Datasheet
16Kb / 1P
   SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com