Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LT3999 Datasheet(PDF) 16 Page - Linear Technology

Part No. LT3999
Description  Low Noise, 1A, 1MHz Push-Pull DC/DC Driver with Duty Cycle Control
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LT3999 Datasheet(HTML) 16 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT3999
16
3999fa
For more information www.linear.com/LT3999
LINEAR TECHNOLOGY CORPORATION 2014
LT 0415 REV A • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 FAX: (408) 434-0507 ● www.linear.com/LT3999
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LT3439
Slew Rate Controlled Ultralow Noise 1A Isolated DC/DC
Transformer Driver
VIN: 2.7V to 17.5V, IQ (Supply) = 12mA, ISD < 12mA, SO-16,
Low Noise: <100mVP-P, Independent Control of Switch Voltage
and Current Slew Rates
LT1533
Slew Rate Controlled Ultralow Noise 1A Switching Regulator
VIN: 2.7V to 23V, IQ (Supply) = 12mA, ISD < 12mA, SO-16,
Low Noise: <100mVP-P, Independent Control of Switch Voltage
and Current Slew Rates
LT1683
Slew Rate Controlled Ultralow Noise Push-Pull Controller
VIN: 2.7V to 20V, IQ (Supply) = 25mA, ISD < 24mA, SSOP-20,
Low Noise: <200mVP-P, Independent Control of Switch Voltage
and Current Slew Rates
LT1738
Slew Rate Controlled Ultralow Noise DC/DC Controller
VIN: 2.7V to 20V, IQ (Supply) = 12mA, ISD < 24mA, SSOP-20,
Greatly Reduced Conducted and Radiated EMI, Independent
Control of Switch Voltage and Current Slew Rates
5V to 12V, 1W Low Power Push-Pull DC Transformer
VIN
SYNC
UVLO
OVLO/DC
RDC
LT3999
SWA
COUT
2.2µF
16V
D1, D2: VISHAY BAT54C
T1: COOPER BUSSMANN CTX02-19065R
T1
D1A
D1B
VOUT
12V
0.08A
• •
• •
VIN
5V
SWB
GND
RILIM
40.3k
RBIAS
49.9k
CSS
0.1µF
RT
12.1k
1MHz
R1
261k
R2
100k
CIN
10µF
10V
3999 TA05
RT
ILIM/SS
RBIAS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn