Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LT3999 Datasheet(PDF) 12 Page - Linear Technology

Part No. LT3999
Description  Low Noise, 1A, 1MHz Push-Pull DC/DC Driver with Duty Cycle Control
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LT3999 Datasheet(HTML) 12 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LT3999
12
3999fa
For more information www.linear.com/LT3999
TYPICAL APPLICATIONS
30V to 12V, 10W Push-Pull DC Transformer
5V to 5V, 4W Low Part Count Push-Pull DC Transformer
10V-15V to ±12V, 200mA Isolated Switching Regulator
VIN
SYNC
UVLO
OVLO/DC
RDC
LT3999
SWA
COUT
10µF
16V
D1, D2: DIODES INC. B260
L1: COILCRAFT M56132-153
T1: COOPER BUSSMANN CTX02-19062
L1
OPTIONAL
T1
D1
D2
VOUT
12V
0.8A
• •
• •
VIN
30V
SWB
GND
RBIAS
49.9k
C1
0.1µF
RT
28k
500kHz
R1
499k
R2
19.1k
CIN
10µF
50V
3999 TA02
RT
ILIM/SS
RBIAS
VIN
UVLO
SYNC
OVLO/DC
RDC
LT3999
SWA
COUT
10µF
10V
D1, D2: CENTRAL SEMI. CMSH1-20M
T1: COILCRAFT PA6383
T1
D1
D2
VOUT
5V
0.8A
• •
• •
VIN
5V
SWB
GND
RBIAS
49.9k
RT
12.1k
1MHz
CIN
47µF
10V
3999 TA03
RT
ILIM/SS
RBIAS
VIN
SYNC
UVLO
OVLO/DC
LT3999
L2
39µH
L1
39µH
D1
T1
D2
D3
D4
SWA
• •
• •
VIN
10V TO 15V
SWB
GND
R1
715k
R2
36.5k
R8
52.3k
R3
66.5k
R4
39k
RBIAS
49.9k
RT
12.1k
1MHz
RDC
13.3k
CSS
0.01µF
CIN
10µF
100V
R7
10k
C1
10µF
50V
C3
180pF
COUT1
10µF
25V
VOUT
12V
200mA
C2
10µF
50V
D1-D4: CENTRAL SEMI. CMSH1-200HE
L1, L2: COILCRAFT XFL3012-393MEG
T1: WÜRTH 750314781
RDC
RT
ILIM/SS
RBIAS
LT3065
OUT
ADJ
REF/BYP
SHDN
IN
R10
243k
COUT2
10µF
25V
–VOUT
–12V
200mA
LT3090
GND
3999 TA04
OUT
SET
SHDN
IN
ILIM
1M
R6
10k
0.01µF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn