Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3999 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3999
Description  Low Noise, 1A, 1MHz Push-Pull DC/DC Driver with Duty Cycle Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3999 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3999_15 Datasheet HTML 6Page - Linear Technology LT3999_15 Datasheet HTML 7Page - Linear Technology LT3999_15 Datasheet HTML 8Page - Linear Technology LT3999_15 Datasheet HTML 9Page - Linear Technology LT3999_15 Datasheet HTML 10Page - Linear Technology LT3999_15 Datasheet HTML 11Page - Linear Technology LT3999_15 Datasheet HTML 12Page - Linear Technology LT3999_15 Datasheet HTML 13Page - Linear Technology LT3999_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT3999
10
3999fa
For more information www.linear.com/LT3999
APPLICATIONS INFORMATION
Turns Ratio
The turns ratio of the transformer determines the output
voltage. The following equation is used as a first pass to
calculate the turns ratio:
NS
NP
=
VOUT +VF
2 VIN – VSW
(
)DC
where VF is the forward voltage of the output diode, VSW
is the voltage drop across the internal switches (see the
Typical Performance curves) and DC is the duty cycle.
Sufficient margin should be added to the turns ratio to
account for voltage drops due to transformer winding
resistance.
Magnetizing Current
The magnetizing inductance of the transformer causes
a ripple current that is independent of load current. This
ripple current is calculated by:
∆I=
VIN •DC
fSW •LM
where∆IandLMareprimaryripplecurrentandmagnetizing
inductance referred to the primary side of the transformer,
respectively. Increasing the transformer magnetizing in-
ductance,LM,reducestheripplecurrent.Theripplecurrent
formula shows the effect of the switching frequency on
the magnetizing inductance. Setting the LT3999 at high
switching frequency reduces the ripple current for the
same magnetizing inductance. Therefore, it is possible to
reduce the transformer turns and still achieve low ripple
current.Thishelpstoreducethepowerconverterfootprint
as well. The transformer magnetizing inductance should
be designed for the worst-case duty cycle and input line
voltage combination.
A good rule of thumb is to set the primary current ripple
amplitude 10% to 30% of the average primary current, IP:
IP =
POUT
VIN •eff
where POUT is the output power of the converter and eff
is the converter efficiency, typically around 85%.
Winding Resistance
Resistance in either the primary or secondary winding
reduces overall efficiency and degrades load regulation.
If efficiency or load regulation is unsatisfactory, verify
that the voltage drops in the transformer windings are
not excessive.
Capacitors
In applications with full duty cycle operation, the input
supply current is approximately constant. Therefore, large
input “hold-up type” capacitors are not necessary. A low
value (>4.7µF), low ESR ceramic will be adequate to filter
high frequency noise at the input. The output capacitors
supply energy to the output load only during switch
transitions. Therefore, large capacitance values are not
necessary on the output.
Transformer winding capacitance between the isolated
primary and secondary has parasitic currents that can
cause noise on the grounds. Providing a high frequency,
low impedance path between the primary and secondary
gives the parasitic currents a local return path. A 2.2nF,
1kV ceramic capacitor is recommended.
Optional LC Filter
An optional LC filter, as shown on the Typical Application
on the first page of this data sheet, should be included if
ultralow noise and ripple are required. It is recommended
that the corner frequency of the filter should be set a
decade below the switching frequency so that the switch
noise is attenuated by a factor of 100. For example, if the
fOSC = 100kHz, then fCORNER = 10kHz where:
fCORNER =
1
2•π LC
Switching Diode Selection
A fast recovery, surface mount diode such as a Schottky
is recommended. The proximity of the diodes to the
transformer outputs is important and should be as close
as possible with short, wide traces connecting them.


Similar Part No. - LT3999_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3999 LINER-LT3999 Datasheet
308Kb / 16P
   Low Noise, 1A, 1MHz Push-Pull DC/DC Driver with Duty Cycle Control
More results

Similar Description - LT3999_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3999 LINER-LT3999 Datasheet
308Kb / 16P
   Low Noise, 1A, 1MHz Push-Pull DC/DC Driver with Duty Cycle Control
logo
Texas Instruments
SN6507 TI-SN6507 Datasheet
1Mb / 34P
[Old version datasheet]   SN6507 Low-Emission 36V Push-Pull Transformer Driver with Duty Cycle Control for Isolated Power Supplies
MARCH 2022
logo
Linear Technology
LT1683 LINER-LT1683 Datasheet
237Kb / 24P
   Ultralow Noise Push-Pull DC/DC Controller
logo
Maxim Integrated Produc...
MAX887 MAXIM-MAX887 Datasheet
146Kb / 12P
   100% Duty Cycle, Low-Noise, Step-Down, PWM DC-DC Converter
logo
Linear Technology
LT1683 LINER-LT1683_15 Datasheet
414Kb / 26P
   Slew Rate Controlled Ultralow Noise Push-Pull DC/DC Controller
logo
Advanced Analogic Techn...
AAT1150 ANALOGICTECH-AAT1150 Datasheet
279Kb / 16P
   1MHz 1A Step-Down DC/DC Converter
AAT1150 ANALOGICTECH-AAT1150_06 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
logo
Vishay Siliconix
SI9124 VISHAY-SI9124 Datasheet
172Kb / 16P
   500-kHz Push-Pull DC-DC Converter With Integrated Secondary Synchronous Rectification Control
Rev. B, 20-Mar-03
logo
Maxim Integrated Produc...
MAX1763 MAXIM-MAX1763 Datasheet
456Kb / 16P
   1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter
19-1698; Rev 1; 2/01
MAX1760 MAXIM-MAX1760_07 Datasheet
516Kb / 14P
   0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
Rev 3; 1/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com