Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LT3999 Datasheet(PDF) 8 Page - Linear Technology

Part No. LT3999
Description  Low Noise, 1A, 1MHz Push-Pull DC/DC Driver with Duty Cycle Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3999 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3999_15 Datasheet HTML 4Page - Linear Technology LT3999_15 Datasheet HTML 5Page - Linear Technology LT3999_15 Datasheet HTML 6Page - Linear Technology LT3999_15 Datasheet HTML 7Page - Linear Technology LT3999_15 Datasheet HTML 8Page - Linear Technology LT3999_15 Datasheet HTML 9Page - Linear Technology LT3999_15 Datasheet HTML 10Page - Linear Technology LT3999_15 Datasheet HTML 11Page - Linear Technology LT3999_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT3999
8
3999fa
For more information www.linear.com/LT3999
APPLICATIONS INFORMATION
Switching Frequency
The LT3999 drives two output power switches out of
phase, thus the oscillator frequency is two times the actual
switching frequency of each power switch. The choice
of switching frequency is a trade-off between power ef-
ficiency and the size of capacitive and inductive storage
components.
Operating at low switching frequency reduces the switch-
inglosses(transientlosses)andconsequentlyimprovesthe
power converter efficiency. However, the lower switching
frequency requires greater inductance for a given amount
of ripple current, resulting in a larger design footprint and
higher cost.
TheLT3999switchingfrequencyissetintherangeof50kHz
to 1MHz. The value of RT for a given operating frequency
is chosen from Table 1 or from the following equation:
Table 1. Recommended 1% Standard Values
RT
fSW
316kΩ
50kHz
158kΩ
100kHz
76.8kΩ
200kHz
49.9kΩ
300kHz
36.5kΩ
400kHz
28kΩ
500kHz
22.6kΩ
600kHz
19.1kΩ
700kHz
16.2kΩ
800kHz
14kΩ
900kHz
12.1kΩ
1000kHz
RT kΩ
( )=
1
2• fSW
– 70ns
•3.25•1010
Oscillator Sync
In applications where a more precise frequency is desired
to accurately place high frequency harmonics, the LT3999
oscillator can be synchronized to an external clock. Set
the internal oscillator frequency 10% to 50% lower than
the external sync frequency. The switching frequency is
one-half the sync frequency.
Drive the SYNC pin with a 2V or greater square wave.
The rising edge of the sync square wave will initiate clock
discharge. If unused, connect the SYNC pin to ground.
Duty Cycle
To run the LT3999 at full duty cycle leave the RDC pin
unconnected.
Variations in VIN are, to a first order, compensated with
the LT3999 duty cycle control function. The duty cycle
function is implemented with a resistor divider on VIN
connected to the OVLO/DC pin and a resistor to ground
on the RDC pin. Use the following formula to calculate
the RDC resistor or duty cycle:
Duty Cycle DC
( )=
1.25•RDC
VIN
RB
RA +RB
•RT •4
RDC =
VIN
RB
RA +RB
•RT •DC•4
1.25
where RA and RB are the resistors from the VIN to OVLO/
DC resistor divider and RT is the frequency setting resis-
tor. See Figure 1. Setting the OVLO/DC pin to be 0.612V
at the nominal VIN voltage yields good line regulation over
a wide input range.
The duty cycle refers to the duty cycle of the individual
switch. Normally each switch operates at close to 50%
duty cycle.


Similar Part No. - LT3999_15

ManufacturerPart No.DatasheetDescription
Linear Technology
Linear Technology
LT3999 LINER-LT3999 Datasheet
308Kb / 16P
   Low Noise, 1A, 1MHz Push-Pull DC/DC Driver with Duty Cycle Control
More results

Similar Description - LT3999_15

ManufacturerPart No.DatasheetDescription
Linear Technology
Linear Technology
LT3999 LINER-LT3999 Datasheet
308Kb / 16P
   Low Noise, 1A, 1MHz Push-Pull DC/DC Driver with Duty Cycle Control
LT1683 LINER-LT1683 Datasheet
237Kb / 24P
   Ultralow Noise Push-Pull DC/DC Controller
Texas Instruments
Texas Instruments
SN6507 TI-SN6507 Datasheet
1Mb / 34P
[Old version datasheet]   SN6507 Low-Emission 36V Push-Pull Transformer Driver with Duty Cycle Control for Isolated Power Supplies
MARCH 2022
Maxim Integrated Products
Maxim Integrated Produc...
MAX887 MAXIM-MAX887 Datasheet
146Kb / 12P
   100% Duty Cycle, Low-Noise, Step-Down, PWM DC-DC Converter
Linear Technology
Linear Technology
LT1683 LINER-LT1683_15 Datasheet
414Kb / 26P
   Slew Rate Controlled Ultralow Noise Push-Pull DC/DC Controller
Advanced Analogic Technologies
Advanced Analogic Techn...
AAT1150 ANALOGICTECH-AAT1150_06 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
AAT1150 ANALOGICTECH-AAT1150 Datasheet
279Kb / 16P
   1MHz 1A Step-Down DC/DC Converter
Maxim Integrated Products
Maxim Integrated Produc...
MAX1763 MAXIM-MAX1763 Datasheet
456Kb / 16P
   1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter
19-1698; Rev 1; 2/01
MAX1760 MAXIM-MAX1760_07 Datasheet
516Kb / 14P
   0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
Rev 3; 1/07
MAX1760 MAXIM-MAX1760 Datasheet
417Kb / 12P
   0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
19-1660; Rev 1; 1/01
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz