Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LT3999 Datasheet(PDF) 7 Page - Linear Technology

Part No. LT3999
Description  Low Noise, 1A, 1MHz Push-Pull DC/DC Driver with Duty Cycle Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3999 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3999_15 Datasheet HTML 3Page - Linear Technology LT3999_15 Datasheet HTML 4Page - Linear Technology LT3999_15 Datasheet HTML 5Page - Linear Technology LT3999_15 Datasheet HTML 6Page - Linear Technology LT3999_15 Datasheet HTML 7Page - Linear Technology LT3999_15 Datasheet HTML 8Page - Linear Technology LT3999_15 Datasheet HTML 9Page - Linear Technology LT3999_15 Datasheet HTML 10Page - Linear Technology LT3999_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT3999
7
3999fa
For more information www.linear.com/LT3999
OPERATION
Overview
The LT3999 is a monolithic isolated push-pull DC trans-
former driver. It includes functions such as duty cycle
control, soft-start and protection features.
Push-Pull Topology
In a push-pull topology, a pair of switches operating out
of phase generate a square wave voltage pulse on the
primary side of a center tapped transformer. The diodes
on the secondary side rectify the voltage and generate
the output voltage. This voltage is simply VIN times the
transformer turns ratio.
Duty Cycle Control
The LT3999 duty cycle control provides, to a degree, line
regulation. The duty cycle is programmed by a resistor
on the RDC pin and the OVLO/DC voltage. By making the
OVLO/DC voltage a function of VIN the duty cycle will
adjust with varying VIN thereby keeping VOUT constant.
This feature is useful in cases where an LDO is used to post
regulate the output of the LT3999. By pseudo regulating
the output with the duty cycle control the power dissipa-
tion in the LDO is minimized.
Leaving the RDC pin floating or connecting it to the OVLO/
DC pin disables the duty cycle function and the LT3999
operates at close to 50% duty cycle.
Current Limit and Soft-Start
The LT3999 ILIM/SS pin programs the cycle-by-cycle
switch current limit and the soft-start time. A resistor on
the ILIM/SS pin sets the current limit. A capacitor on the
pin in conjunction with the resistor sets the soft-start time.
When the programmed current limit is reached the switch
isimmediatelyturnedoffandremainsofffortheremainder
of the cycle. Leaving the ILIM/SS pin unconnected will
disable the programmable current limit and the LT3999
will default to its internal current limit.
Thesoft-startfunctionrampsthemaximumswitchcurrent
over the programmed soft-start time. The purpose of the
soft-startistoreduceinrushcurrentfromtheinputsupply.
Other Features
The LT3999 protection features include overvoltage lock-
out (OVLO), undervoltage lockout (UVLO) and thermal
shutdown.
The OVLO function is programmed with the OVLO/DC pin.
Switching is disabled during an OVLO event. An internal
overvoltage lockout on the VIN pin is also provided to
protect the LT3999.
The UVLO function is programmed with the UVLO pin.
Switching is disabled during a UVLO event. The UVLO
pin is also used to put the LT3999 into a low quiescent
shutdown state.
At a junction temperature above the operating tempera-
ture range the thermal shutdown function turns off both
switches.


Similar Part No. - LT3999_15

ManufacturerPart No.DatasheetDescription
Linear Technology
Linear Technology
LT3999 LINER-LT3999 Datasheet
308Kb / 16P
   Low Noise, 1A, 1MHz Push-Pull DC/DC Driver with Duty Cycle Control
More results

Similar Description - LT3999_15

ManufacturerPart No.DatasheetDescription
Linear Technology
Linear Technology
LT3999 LINER-LT3999 Datasheet
308Kb / 16P
   Low Noise, 1A, 1MHz Push-Pull DC/DC Driver with Duty Cycle Control
LT1683 LINER-LT1683 Datasheet
237Kb / 24P
   Ultralow Noise Push-Pull DC/DC Controller
Texas Instruments
Texas Instruments
SN6507 TI-SN6507 Datasheet
1Mb / 34P
[Old version datasheet]   SN6507 Low-Emission 36V Push-Pull Transformer Driver with Duty Cycle Control for Isolated Power Supplies
MARCH 2022
Maxim Integrated Products
Maxim Integrated Produc...
MAX887 MAXIM-MAX887 Datasheet
146Kb / 12P
   100% Duty Cycle, Low-Noise, Step-Down, PWM DC-DC Converter
Linear Technology
Linear Technology
LT1683 LINER-LT1683_15 Datasheet
414Kb / 26P
   Slew Rate Controlled Ultralow Noise Push-Pull DC/DC Controller
Advanced Analogic Technologies
Advanced Analogic Techn...
AAT1150 ANALOGICTECH-AAT1150_06 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
AAT1150 ANALOGICTECH-AAT1150 Datasheet
279Kb / 16P
   1MHz 1A Step-Down DC/DC Converter
Maxim Integrated Products
Maxim Integrated Produc...
MAX1763 MAXIM-MAX1763 Datasheet
456Kb / 16P
   1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter
19-1698; Rev 1; 2/01
MAX1760 MAXIM-MAX1760_07 Datasheet
516Kb / 14P
   0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
Rev 3; 1/07
MAX1760 MAXIM-MAX1760 Datasheet
417Kb / 12P
   0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
19-1660; Rev 1; 1/01
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz