Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1019CN8-10 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1019CN8-10
Description  Precision Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1019CN8-10 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1019CN8-10 Datasheet HTML 4Page - Linear Technology LT1019CN8-10 Datasheet HTML 5Page - Linear Technology LT1019CN8-10 Datasheet HTML 6Page - Linear Technology LT1019CN8-10 Datasheet HTML 7Page - Linear Technology LT1019CN8-10 Datasheet HTML 8Page - Linear Technology LT1019CN8-10 Datasheet HTML 9Page - Linear Technology LT1019CN8-10 Datasheet HTML 10Page - Linear Technology LT1019CN8-10 Datasheet HTML 11Page - Linear Technology LT1019CN8-10 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1019
TYPICAL APPLICATIO S
Trimming LT1019-5 Output to 5.120V
Trimming LT1019-10 Output to 10.240V
VOUT
5k*
±1% TRIM
OUT
IN
LT1019-5
TRIM
GND
VIN
1019 TA04
4.02k
1%
41.2k
1%
*LOW TC CERMET
VOUT
5k*
±1% TRIM
OUT
IN
LT1019-10
TRIM
GND
VIN
1019 TA06
4.02k
1%
90.9k
1%
*LOW TC CERMET
Output Current Boost with Current Limit
VOUT
±11V COMPLIANCE
IN
OUT
LT1019-2.5
TRIM
GND
15V
11.5k
1%
5k*
8.25k
1%
2.49M
1%
IOUT = 1µA
ZOUT ≥ 1011Ω
LT1012
*LOW TC CERMET, TRIM RANGE =
±1.5%
1019 TA07
LT1019
OUT
GND
IN
D1*
R1*
V+
R2*
–VREF AT 50mA
–VIN
1019 TA10
*R1 = V
+ – 5V
2mA
, R2 =
V– VREF
1mA
, D1 = VREF + 5V
Q1
2N2905
Negative Series Reference
Precision 1
µA Current Source
R1
220
IN
LT1019
OUT
GND
1019 TA08
2
µF SOLID TANTALUM
ILOAD ≤ 100mA
8.2
GLOWS IN
CURRENT LIMIT
(DO NOT OMIT)
LED
V+
≥ (VOUT + 2.8V)
2N2905


Similar Part No. - LT1019CN8-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1019CN8-10 LINER-LT1019CN8-10 Datasheet
156Kb / 12P
   Precision Reference
More results

Similar Description - LT1019CN8-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
logo
Linear Technology
LT1236 LINER-LT1236 Datasheet
262Kb / 12P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com